Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EV-RADAR-MMIC2 Datasheet(PDF) 19 Page - Analog Devices

Part # EV-RADAR-MMIC2
Description  Evaluation Board for the ADF5901, ADF5904, and ADF4159 Chipset for a 24 GHz FMCW Radar
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EV-RADAR-MMIC2 Datasheet(HTML) 19 Page - Analog Devices

Back Button EV-RADAR-MMIC2 Datasheet HTML 15Page - Analog Devices EV-RADAR-MMIC2 Datasheet HTML 16Page - Analog Devices EV-RADAR-MMIC2 Datasheet HTML 17Page - Analog Devices EV-RADAR-MMIC2 Datasheet HTML 18Page - Analog Devices EV-RADAR-MMIC2 Datasheet HTML 19Page - Analog Devices EV-RADAR-MMIC2 Datasheet HTML 20Page - Analog Devices EV-RADAR-MMIC2 Datasheet HTML 21Page - Analog Devices EV-RADAR-MMIC2 Datasheet HTML 22Page - Analog Devices EV-RADAR-MMIC2 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
EV-RADAR-MMIC2 User Guide
UG-866
Rev. B | Page 19 of 28
SN74AVC4T245PW
U9
2A2
GND
2DIR
VCCA
1A1
GND
2B2
2B1
1B2
1B1
2OEB
1OEB
VCCB
1A2
2A1
1DIR
IN
IN
IN
IN
IO
IO
IO
IO
OUT
OUT
OUT
OUT
IN
IN
IN
IN
VCCB
1OE_N
2OE_N
1B1
1B2
2B1
2B2
GND
GND
2A2
2A1
1A2
1A1
2DIR
1DIR
VCCA
Figure 18. Evaluation Board Schematic (Page 9)
SN74AVC4T245PW
U8
2A2
GND
2DIR
VCCA
1A1
GND
2B2
2B1
1B2
1B1
2OEB
1OEB
VCCB
1A2
2A1
1DIR
IN
IN
IN
IN
IO
IO
IO
IO
OUT
OUT
OUT
OUT
IN
IN
IN
IN
VCCB
1OE_N
2OE_N
1B1
1B2
2B1
2B2
GND
GND
2A2
2A1
1A2
1A1
2DIR
1DIR
VCCA
Figure 19. Evaluation Board Schematic (Page 10)
SN74AVC4T245PW
U10
2A2
GND
2DIR
VCCA
1A1
GND
2B2
2B1
1B2
1B1
2OEB
1OEB
VCCB
1A2
2A1
1DIR
IN
IN
IN
IN
IO
IO
IO
IO
OUT
OUT
OUT
OUT
IN
IN
IN
IN
VCCB
1OE_N
2OE_N
1B1
1B2
2B1
2B2
GND
GND
2A2
2A1
1A2
1A1
2DIR
1DIR
VCCA
Figure 20. Evaluation Board Schematic (Page 11)
SN74AVC4T245PW
U11
2A2
GND
2DIR
VCCA
1A1
GND
2B2
2B1
1B2
1B1
2OEB
1OEB
VCCB
1A2
2A1
1DIR
IN
IN
IN
IN
IO
IO
IO
IO
OUT
OUT
OUT
OUT
IN
IN
IN
IN
VCCB
1OE_N
2OE_N
1B1
1B2
2B1
2B2
GND
GND
2A2
2A1
1A2
1A1
2DIR
1DIR
VCCA
Figure 21. Evaluation Board Schematic (Page 12)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com