Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KS110 Datasheet(PDF) 1 Page - Stannol GmbH & Co KG

Part # KS110
Description  STANNOL - Solder Wires of the KS-Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANNOL [Stannol GmbH & Co KG]
Direct Link  https://www.stannol.de/en/
Logo STANNOL - Stannol GmbH & Co KG

KS110 Datasheet(HTML) 1 Page - Stannol GmbH & Co KG

  KS110 Datasheet HTML 1Page - Stannol GmbH & Co KG KS110 Datasheet HTML 2Page - Stannol GmbH & Co KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Technical Data Sheet
The above values are typical and represent no form of specification. The Data Sheet serves for information purposes. Any verbal or written advise is not binding for
the company, whether such information originates from the company offices or from a sales representative. This is also in respect of any protection rights of third
parties, and does not release the customer from the responsibility of verifying the products of the company for suitability of use for the intended process or purpose.
Should any liability on the part of the company arise, the company will only indemnify for loss or damage to the same extent as for defects in quality.
TDB_LD_ KS-Serie_EN
Page 1 of 2
Issue: 22.06.06
STANNOL GmbH
Oskarstraße 3-7
• 42283 Wuppertal • Tel. +49 (0)202-585-0 • Telefax +49 (0)202-585111 • E-Mail info@stannol.de • Web www.stannol.de
Wenn’s ums Löten geht
When it’s about soldering
Quand il s’agit du soudage
STANNOL
® - Solder Wires of the KS-Series
STANNOL
® KS-Series electronic solder wires have been designed for special requirements of lead-free soldering.
They meet all demands of industrial manufacturing as well as for rework and repair.
Description:
STANNOL
® solder wires KS110 and KS115 contain a rosin-free, halide activated synthetic resin.
The STANNOL
® KS100 is based on the same synthetic resin however it is halide free activated.
All mentioned flux types are an excellent combination of high activity at thermal stress with amber bright and
electrically safe residues.
The flux formulations KS110 and KS115 are classified to DIN EN 29454-1 Type 1.2.2.B. Due to their high activity
(1.0 and 1.5%), the fluxes are classified as REM1 to DIN EN 61190.
The KS100 is classified to DIN EN 29541- Type 1.2.3.B and REL0 to DIN EN 61190.
The synthetic resins offer more advantages as natural rosin:
Active flux
• fast wetting of solder pads and pins
• shorter cycle times
Bright amber
residues
• low thermal decomposition at soldering
temperatures
• optical impression ok
Solid residues
• high softening point
• chemical and physical safety
Low fuming
• low decomposition and evaporation at
high temperatures
• low contamination of work place and
around the solder joint
Low spitting
• high viscosity of the flux reduces spitting
• low contamination
Application:
STANNOL
® solder wires KS110 and KS115 are designed for use with robotic and manual soldering for electric
and electronic devices. Flux residues may remain uncleaned. This must be examined in individual cases, where
environmental stress is applied to the circuit.
If cleaning is necessary for optical or technical reasons, we recommend the use of the cleaner STANNOL
® Flux-Ex
Ex 500.


Similar Part No. - KS110

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
KS1100 E-SWITCH-KS1100 Datasheet
1Mb / 2P
10mA 12VDC rating
KS1100OA1AF060 E-SWITCH-KS1100OA1AF060 Datasheet
1Mb / 2P
10mA 12VDC rating
KS1100OA1AF060. E-SWITCH-KS1100OA1AF060. Datasheet
1Mb / 2P
10mA 12VDC rating
More results

Similar Description - KS110

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KSL ETC1-KSL Datasheet
133Kb / 2P
KS SERIES KEY SWITCHES
logo
OPTEK Technologies
OPB493T11Z OPTEK-OPB493T11Z Datasheet
264Kb / 7P
Choice of pins or wires mounting configuration
06/14
logo
ALPS ELECTRIC CO.,LTD.
SKTD ALPS-SKTD Datasheet
798Kb / 3P
Soldering of the frame realizes higher solder strength
logo
Sparkle Power Inc.
FSP500-702UH-041610 SPI-FSP500-702UH-041610 Datasheet
240Kb / 1P
All the length of output wires exclude housing
logo
Amphenol Corporation
P-17E-1657-15 AMPHENOL-P-17E-1657-15 Datasheet
144Kb / 1P
terminate the cable wires to the connector
P-17E-1657-25 AMPHENOL-P-17E-1657-25 Datasheet
141Kb / 1P
terminate the cable wires to the connector
P-17E-1657-37 AMPHENOL-P-17E-1657-37 Datasheet
144Kb / 1P
terminate the cable wires to the connector
logo
PHOENIX CONTACT
2838791 PHOENIX-2838791 Datasheet
64Kb / 5P
Protection of all eight signal wires of the data cable
2880150 PHOENIX-2880150 Datasheet
64Kb / 5P
Protection of all eight signal wires of the data cable
2880192 PHOENIX-2880192 Datasheet
48Kb / 3P
Protection of all eight signal wires of the data cable
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com