Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OFM240 Datasheet(PDF) 5 Page - ABB

Part # OFM240
Description  UL 98 rotary style disconnects, fusible 30 A
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

OFM240 Datasheet(HTML) 5 Page - ABB

  OFM240 Datasheet HTML 1Page - ABB OFM240 Datasheet HTML 2Page - ABB OFM240 Datasheet HTML 3Page - ABB OFM240 Datasheet HTML 4Page - ABB OFM240 Datasheet HTML 5Page - ABB OFM240 Datasheet HTML 6Page - ABB OFM240 Datasheet HTML 7Page - ABB  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Please consult for 6/8-pole solutions and any additional accessories
UL 98 rotary style disconnects, fusible 60…1200 A
1 Shafts 
Length1)
OS60GJ...200J
OXP6X130
5.2''/130 mm
OXP6X150
5.9''/150 mm
OXP6X210
8.3''/210 mm
OXP6X290
11.4''/290 mm
OS400J...1200L
OXP12X280
11.0''/280mm
OXP12X325
12.8''/325 mm
OXP12X395
15.6''/395 mm
OXP12X465
18.3''/465 mm
OXP12X535
21.1''/535 mm
1) Installation depth allows some adjustment  
Shafts may also be cut to needed length 
2 Pistol type handles2)
Length; NEMA type
OS60GJ...200J
OHB65J6
2.6''/65mm; 3R,12
OHB80J6
3.1''/80mm; 3R,12
OHB65L6
2.6''/65mm; 4,4X
OHB80L6
3.1''/80mm; 4,4X
OS400J...1200L
OHB125J12
4.9''/125mm; 3R,12
OHB145J12
5.7''/145mm; 3R,12
OHB175J12
6.9''/175mm; 3R,12
OHB200J12P3)
7.9''/200mm; 3R,12
OHB274J12
10.8''/274mm; 3R,12
OHB330J12
13''/330mm; 3R,12
OHB125L12
4.9''/125mm; 4,4X
OHB145L12
5.7''/145mm; 4,4X
OHB175L12
6.9''/175mm; 4,4X
OHB200L12P3)
7.9''/200mm; 4,4X
OHB274L12
10.8''/274mm; 4,4X
OHB330L12
13''/330mm; 4,4X
2) Red/yellow versions by substituting OHB to OHY 
All handles defeatable and padlockable with 3 locks
3) T‐handle 
3 Direct mount handles4)
OS60GJ...200J
OSV200BK
OS400J
OSV400BK
OS600J...800L
OSV800DK
OS1200L
OSV1250DK
4) Shaft included, padlockable with 3 locks
4 Auxiliaries5)
OS60GJ...1200L
OA1G10
1 N.O.
OA3G01
1 N.C.
5) OS200J: 4 pcs mount into mechanism
OS400J...800L: 8 pcs mount into mechanism
OS1200L: 12 pcs mount into mechanism
5 Module for additional auxiliaries6)
OS60GJ...1200L
OEA28
6) Module mounts on left side of disconnect
8 additional auxiliaries fit into module
7 Terminal shrouds
OS100GJ
OSS160GG1L/3
3 pcs for 3 terminals
OS200J
OSS200G1L/3
3 pcs for 3 terminals
OS400J
OSS403
1 pc for 3 terminals
OS600J
OSS603
1 pc for 3 terminals
OS800L
OSS803
1pc for 3 terminals
OS1200L
OSS1250G1L/3
3 pcs for 3 terminals
8 DIN rail adapter
OS60GJ...100GJ
OSGZD1
9 Fuse monitors7)
OS60GJ...1200L
OFM240
100 ‐ 240 VAC
OFM600
380 ‐ 600 VAC
7) Mounting on panel 
6 Terminal lugs
OS60GJ
Internal
OS100GJ
OZXA‐24
6 lugs
OS200J
OZXA‐200
OS400J
OZXA‐400
OS600J...800L
OZXA‐800
OS1200L
OZXA‐1200
03/10/2015



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com