Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OFM240 Datasheet(PDF) 1 Page - ABB

Part # OFM240
Description  UL 98 rotary style disconnects, fusible 30 A
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

OFM240 Datasheet(HTML) 1 Page - ABB

  OFM240 Datasheet HTML 1Page - ABB OFM240 Datasheet HTML 2Page - ABB OFM240 Datasheet HTML 3Page - ABB OFM240 Datasheet HTML 4Page - ABB OFM240 Datasheet HTML 5Page - ABB OFM240 Datasheet HTML 6Page - ABB OFM240 Datasheet HTML 7Page - ABB  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Please consult for 6/8-pole solutions, snap-on poles for door-mount disconnects and any additional accessories
UL 508 rotary style motor disconnects, 16…80 A
1 Snap‐on poles
OT16...40
OTPS40FPN1
4th pole1)
OTPL40FP
Late‐break/Early‐make
OTPN40FP
Solid neutral 
OTPD40FP
Detachable  neutral
OTPE40FP
Ground terminal
OT63...80
OTPS80FP
4th pole
OTPL80FP
Late‐break/Early‐make
OTPN80FP
Solid neutral 
OTPD80FP
Detachable neutral
OTPE80FP
Ground terminal
1) Left‐side mounting only, OTPS40FPN2 for right‐side mounting
5 Terminal shrouds8)
OT16...40
OTS40T3
1 pc for 3 terminals
OTS40T1
1 pc for 1 snap‐on pole
OT63...80
OTS63T3
1 pc for 3 terminals
OTS63T1
1 pc for 1 snap‐on pole
8) OT16...80 are IP20 touchsafe, shrouds provide extra protection
6 Handles for door‐mount disconnects9)
Selector type10)
OT16...40_T
OHBS1PH
Nema 1 
OHBS3PH
Nema 1; Padlocable
OHBS2PJ
Nema 3R,12; Padlockable
Selector type11)
OT16...80_T
OHBS1RH
Nema 1 
OHBS3RH
Nema 1; Padlockable
OHBS2RJ
Nema 3R, 12; Padlockable
9) Red/yellow versions by substituting OHB with OHY
10) Snap‐on mounting
11) Screw mounting
3 Auxiliaries
OT16‐80
OA1G01
1 N.C.2)
OA1G10
1 N.O.3)
OA2G11
1 N.O. & 1 N.C.4)
2) Left‐side mounting only 
3) Right‐side mounting only 
4) Cannot be mounted on snap‐on poles
4 Shafts 
Shaft length
For selector 
handles 
OT16...80
OXS6X85
3.3''/85 mm
OXS6X105
4.1''/105 mm
OXS6X120
4.7''/120 mm
OXS6X130
5.1''/130 mm
OXS6X180
7.1''/180 mm
OXS6X250
9.8''/250 mm
For pistol 
handles 
OT16...80
OXP6X130
5.2''/130 mm
OXP6X150
5.9''/150 mm
OXP6X210
8.3''/210 mm
OXP6X290
11.4''/290 mm
2 Handles5)
NEMA type; Length; Details
Selector type 
OT16...80
OHBS1AH1
1
OHBS3AH1
1; Padlockable
OHBS2AJ1
3R,12; Padlockable
OHBS2AJ
3R,12; Padlockable; Defeatable
Pistol type6) 
OT16...80
OHB65J6
3R,12; 65 mm
OHB65L6
4,4X; 65 mm
OHB65J6EH
3R,12; 65 mm;  Stainless steel hasp
OHB65L6EH
4,4X; 65 mm;  Stainless steel hasp
OHM65L6
4,4X; 65 mm;  Stainless steel
Direct7)
OT16...40
OHBS12
Black; Padlockable
Direct7)  
OT63...80
OHBS2
Black; Padlockable
5) Red/yellow versions by substituting OHB with OHY 
6) All defeatable & padlockable with 3 locks 
7) No shaft needed, Red versions OHRS12 and OHRS2
03/10/2015


Similar Part No. - OFM240

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
OFM20 ASTRODYNE-OFM20 Datasheet
565Kb / 3P
20W Ultraminiature Open Frame Switching Power Supplies
OFM20 ASTRODYNE-OFM20_16 Datasheet
179Kb / 3P
20W Ultraminiature Open Frame Switching Power Supplies
More results

Similar Description - OFM240

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5343 CIRRUS-CS5343 Datasheet
370Kb / 21P
98 dB, 96 kHz, Multi-Bit Audio A/D Converter
logo
PANDUIT CORP.
DV10-250 PANDUIT-DV10-250 Datasheet
54Kb / 1P
FEMALE DISCONNECTS, VINYL INSULATED
logo
List of Unclassifed Man...
PB-1577 ETC2-PB-1577 Datasheet
97Kb / 1P
PLASTICASE (STYLE A)
logo
ON Semiconductor
NVD5862N ONSEMI-NVD5862N Datasheet
112Kb / 6P
60 V, 5.7 m, 98 A, Single N-Channel
December, 2010 ??Rev. 0
logo
List of Unclassifed Man...
HBLDS6SSAC ETC2-HBLDS6SSAC Datasheet
891Kb / 12P
Manual Motor Controllers and Disconnects
IP55 ETC2-IP55 Datasheet
138Kb / 1P
Switched Disconnects
logo
Cynergy3 Co
S2UL CYNERGY3-S2UL Datasheet
299Kb / 1P
UL Approved Axial Style Reed Relay
logo
TE Connectivity Ltd
PCFN TEC-PCFN Datasheet
1Mb / 2P
Electrical grid disconnects
logo
Eaton All Rights Reserv...
CH30J3 EATON-CH30J3 Datasheet
164Kb / 1P
Fuse-holder, low voltage, 30 A, AC 600 V, DC 600 V, UL Class J, 98 x 72 x 117 mm, 3P, UL, CSA
logo
ON Semiconductor
NVTYS003N03CL ONSEMI-NVTYS003N03CL Datasheet
344Kb / 8P
MOSFET - Power, Single, N-Channel 30 V, 98 A
May, 2021 - Rev. 0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com