Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5343 Datasheet (PDF) - Cirrus Logic

CS5343 Datasheet PDF - Cirrus Logic
Part # CS5343
Download  CS5343 Download
File Size   370.42 Kbytes
Page   21 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description 98 dB, 96 kHz, Multi-Bit Audio A/D Converter

CS5343 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS5343 Datasheet PDF - Cirrus Logic

Part # CS5343
Download  CS5343 Click to download

File Size   370.42 Kbytes
Page   21 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description 98 dB, 96 kHz, Multi-Bit Audio A/D Converter

CS5343 Datasheet (HTML) - Cirrus Logic


CS5343 Product details

General Description
The CS5343/4 is a complete analog-to-digital converter for digital audio systems. It performs sampling, analog-to-digital conversion, and anti-alias filtering, generating 24-bit values for both left and right inputs in serial form at sample rates up to 108 kHz per channel.
The CS5343/4 uses a 3rd-order, multi-bit Delta-Sigma modulator followed by a digital filter, which removes the need for an external anti-alias filter.
The CS5343/4 also features a high-impedance sampling network which eliminates costly external components such as op-amps.
The CS5343/4 is available in a 10-pin TSSOP package for both Commercial (-10° to +70° C) and Automotive grades (-40° to +85° C). The CDB5343 Customer Demonstration Board is also available for device evaluation and implementation suggestions. Please refer to the “Ordering Information” on page 21 for complete details.
The CS5343/4 is ideal for audio systems requiring wide dynamic range, negligible distortion and low noise, such as set-top boxes, DVD-karaoke players, DVD recorders, A/V receivers, and automotive applications.

Features
◆ Advanced Multi-Bit ∆Σ Architecture
◆ 24-bit Conversion
◆ Supports Audio Sample Rates Up to 108 kHz
◆ 98 dB Dynamic Range at 5 V
◆ -90 dB THD+N
◆ Low-Latency Digital Filter
◆ High-Pass Filter to Remove DC Offsets
◆ Single +3.3 V or +5 V Power Supply
◆ Power Consumption Less Than 50 mW
◆ Master or Slave Operation
◆ Slave Mode Speed Auto-Detect
◆ Master Mode Default Settings
◆ 256x or 384x MCLK/LRCK Ratio
◆ CS5343 Supports I²S Audio Format
◆ CS5344 Supports Left-Justified Audio Format




Similar Part No. - CS5343

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5343 CIRRUS-CS5343 Datasheet
351Kb / 21P
98 dB, 96 kHz, Multi-Bit Audio A/D Converter
CS5343 CIRRUS-CS5343 Datasheet
353Kb / 22P
98 dB, 96 kHz, Multi-Bit Audio A/D Converter
CS5343-CZZ CIRRUS-CS5343-CZZ Datasheet
351Kb / 21P
98 dB, 96 kHz, Multi-Bit Audio A/D Converter
CS5343-CZZ CIRRUS-CS5343-CZZ Datasheet
353Kb / 22P
98 dB, 96 kHz, Multi-Bit Audio A/D Converter
CS5343-CZZR CIRRUS-CS5343-CZZR Datasheet
351Kb / 21P
98 dB, 96 kHz, Multi-Bit Audio A/D Converter
More results


Similar Description - CS5343

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5351 CIRRUS-CS5351 Datasheet
499Kb / 24P
108 dB, 192 kHz, Multi-Bit Audio A/D Converter
CS5361 CIRRUS-CS5361 Datasheet
957Kb / 24P
111 dB, 192 kHz, Multi-Bit Audio A/D Converter
AUG 02
CS5396 CIRRUS-CS5396 Datasheet
1Mb / 40P
120 dB, 96 kHZ Audio A/D Converter
CS5341 CIRRUS-CS5341 Datasheet
437Kb / 24P
105 dB, 192 kHz, MULTI-BIT AUDIO A/D CONVERTER
CS5341 CIRRUS-CS5341_06 Datasheet
403Kb / 22P
105 dB, 192 kHz, Multi-Bit Audio A/D Converter
CS5342 CIRRUS-CS5342_06 Datasheet
403Kb / 21P
105 dB, 192 kHz, Multi-bit Audio A/D Converter
CS5343 CIRRUS-CS5343_07 Datasheet
351Kb / 21P
98 dB, 96 kHz, Multi-Bit Audio A/D Converter
CS5341 CIRRUS-CS5341_08 Datasheet
406Kb / 22P
105 dB, 192 kHz, Multi-Bit Audio A/D Converter
CS5343 CIRRUS-CS5343_08 Datasheet
353Kb / 22P
98 dB, 96 kHz, Multi-Bit Audio A/D Converter
CS5361 CIRRUS-CS5361_05 Datasheet
464Kb / 23P
114 dB, 192 kHz, Multi-Bit Audio A/D Converter
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com