Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5343 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS5343
Description  98 dB, 96 kHz, Multi-Bit Audio A/D Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5343 Datasheet(HTML) 1 Page - Cirrus Logic

  CS5343 Datasheet HTML 1Page - Cirrus Logic CS5343 Datasheet HTML 2Page - Cirrus Logic CS5343 Datasheet HTML 3Page - Cirrus Logic CS5343 Datasheet HTML 4Page - Cirrus Logic CS5343 Datasheet HTML 5Page - Cirrus Logic CS5343 Datasheet HTML 6Page - Cirrus Logic CS5343 Datasheet HTML 7Page - Cirrus Logic CS5343 Datasheet HTML 8Page - Cirrus Logic CS5343 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Copyright
© Cirrus Logic, Inc. 2006
(All Rights Reserved)
http://www.cirrus.com
Advance Product Information
This document contains information for a new product.
Cirrus Logic reserves the right to modify this product without notice.
98 dB, 96 kHz, Multi-Bit Audio A/D Converter
Features
! Advanced Multi-Bit
∆Σ Architecture
! 24-bit Conversion
! Supports Audio Sample Rates Up to 108 kHz
! 98 dB Dynamic Range at 5 V
! -90 dB THD+N
! Low-Latency Digital Filter
! High-Pass Filter to Remove DC Offsets
! Single +3.3 V or +5 V Power Supply
! Power Consumption Less Than 50 mW
! Master or Slave Operation
! Slave Mode Speed Auto-Detect
! Master Mode Default Settings
! 256x or 384x MCLK/LRCK Ratio
! CS5343 Supports I²S Audio Format
! CS5344 Supports Left-Justified Audio Format
General Description
The CS5343/4 is a complete analog-to-digital converter
for digital audio systems. It performs sampling, analog-
to-digital conversion, and anti-alias filtering, generating
24-bit values for both left and right inputs in serial form
at sample rates up to 108 kHz per channel.
The CS5343/4 uses a 3rd-order, multi-bit Delta-Sigma
modulator followed by a digital filter, which removes the
need for an external anti-alias filter.
The CS5343/4 also features a high-impedance sam-
pling
network
which
eliminates
costly
external
components such as op-amps.
The CS5343/4 is available in a 10-pin TSSOP package
for both Commercial (-10° to +70° C) and Automotive
grades (-40° to +85° C). The CDB5343 Customer Dem-
onstration Board is also available for device evaluation
and implementation suggestions. Please refer to the
“Ordering Information” on page 21 for complete details.
The CS5343/4 is ideal for audio systems requiring wide
dynamic range, negligible distortion and low noise, such
as set-top boxes, DVD-karaoke players, DVD record-
ers, A/V receivers, and automotive applications.
High-Pass
Filter
High-Pass
Filter
Low-Latency
Digital Filters
VA
3.3 V to 5 V
Internal
Reference
Voltages
High-Z
Sampling
Network
Auto-detect
MCLK Divider
Master
Clock
Single-Ended
Analog Input
Low-Latency
Digital Filters
High-Z
Sampling
Network
Single-Ended
Analog Input
SCLK
LRCK
SDOUT
FILT+
VQ
AINR
AINL
Slave Mode
Auto-detect
High-Pass
Filter
AUGUST '06
DS687A4
CS5343/4


Similar Part No. - CS5343

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5343 CIRRUS-CS5343 Datasheet
351Kb / 21P
98 dB, 96 kHz, Multi-Bit Audio A/D Converter
CS5343 CIRRUS-CS5343 Datasheet
353Kb / 22P
98 dB, 96 kHz, Multi-Bit Audio A/D Converter
CS5343-CZZ CIRRUS-CS5343-CZZ Datasheet
351Kb / 21P
98 dB, 96 kHz, Multi-Bit Audio A/D Converter
CS5343-CZZ CIRRUS-CS5343-CZZ Datasheet
353Kb / 22P
98 dB, 96 kHz, Multi-Bit Audio A/D Converter
CS5343-CZZR CIRRUS-CS5343-CZZR Datasheet
351Kb / 21P
98 dB, 96 kHz, Multi-Bit Audio A/D Converter
More results

Similar Description - CS5343

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5351 CIRRUS-CS5351 Datasheet
499Kb / 24P
108 dB, 192 kHz, Multi-Bit Audio A/D Converter
CS5361 CIRRUS-CS5361 Datasheet
957Kb / 24P
111 dB, 192 kHz, Multi-Bit Audio A/D Converter
AUG 02
CS5396 CIRRUS-CS5396 Datasheet
1Mb / 40P
120 dB, 96 kHZ Audio A/D Converter
CS5341 CIRRUS-CS5341 Datasheet
437Kb / 24P
105 dB, 192 kHz, MULTI-BIT AUDIO A/D CONVERTER
CS5341 CIRRUS-CS5341_06 Datasheet
403Kb / 22P
105 dB, 192 kHz, Multi-Bit Audio A/D Converter
CS5342 CIRRUS-CS5342_06 Datasheet
403Kb / 21P
105 dB, 192 kHz, Multi-bit Audio A/D Converter
CS5343 CIRRUS-CS5343_07 Datasheet
351Kb / 21P
98 dB, 96 kHz, Multi-Bit Audio A/D Converter
CS5341 CIRRUS-CS5341_08 Datasheet
406Kb / 22P
105 dB, 192 kHz, Multi-Bit Audio A/D Converter
CS5343 CIRRUS-CS5343_08 Datasheet
353Kb / 22P
98 dB, 96 kHz, Multi-Bit Audio A/D Converter
CS5361 CIRRUS-CS5361_05 Datasheet
464Kb / 23P
114 dB, 192 kHz, Multi-Bit Audio A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com