Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5343 Datasheet(PDF) 13 Page - Cirrus Logic

Part # CS5343
Description  98 dB, 96 kHz, Multi-Bit Audio A/D Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5343 Datasheet(HTML) 13 Page - Cirrus Logic

Back Button CS5343 Datasheet HTML 9Page - Cirrus Logic CS5343 Datasheet HTML 10Page - Cirrus Logic CS5343 Datasheet HTML 11Page - Cirrus Logic CS5343 Datasheet HTML 12Page - Cirrus Logic CS5343 Datasheet HTML 13Page - Cirrus Logic CS5343 Datasheet HTML 14Page - Cirrus Logic CS5343 Datasheet HTML 15Page - Cirrus Logic CS5343 Datasheet HTML 16Page - Cirrus Logic CS5343 Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
DS687A4
13
CS5343/4
4. APPLICATIONS
4.1
Operation as Clock Master or Slave
The CS5343/4 supports operation as either a clock master or slave. As a clock master, the left/right and
serial clocks are synchronously generated on-chip and output on the LRCK and SCLK pins, respectively.
As a clock slave, the LRCK and SCLK pins are always inputs and require external generation of the left/right
and serial clocks. The selection of clock master or slave is made via a 10 k
Ω pull-up resistor from SDOUT
to VA for Master Mode selection or via a 10 k
Ω pull-down resistor from SDOUT to GND for Slave Mode se-
lection, as shown in Table 1.
4.1.1
Slave Mode Operation
A unique feature of the CS5343/4 is the automatic selection of either Single- or Double-Speed Mode when
acting as a clock slave. The auto-mode selection feature supports all standard audio sample rates from
4 to 108 kHz. Please refer to Table 2 for supported sample rate ranges in Slave Mode.
Table 2. Speed Modes and the Associated Sample Rates (Fs) in Slave Mode
Mode
Selection
Master Mode
10 k
Ω pull-up resistor from SDOUT to VA
Slave Mode
10 k
Ω pull-down resistor from SDOUT to GND
Table 1. Master/Slave Mode Selection
Speed Mode
MCLK/LRCK
Ratio
SCLK/LRCK
Ratio
Input Sample Rate Range (kHz)
Single-Speed Mode
256x
64
4 - 54
512x
64
4 - 54
384x
48, 64
4 - 54
768x
48, 64
4 - 54
Double-Speed Mode
128x
64
86 - 108
256x
64
86 - 108
192x
48, 64
86 - 108
384x
48, 64
86 - 108



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com