Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5343 Datasheet(PDF) 16 Page - Cirrus Logic

Part # CS5343
Description  98 dB, 96 kHz, Multi-Bit Audio A/D Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5343 Datasheet(HTML) 16 Page - Cirrus Logic

Back Button CS5343 Datasheet HTML 12Page - Cirrus Logic CS5343 Datasheet HTML 13Page - Cirrus Logic CS5343 Datasheet HTML 14Page - Cirrus Logic CS5343 Datasheet HTML 15Page - Cirrus Logic CS5343 Datasheet HTML 16Page - Cirrus Logic CS5343 Datasheet HTML 17Page - Cirrus Logic CS5343 Datasheet HTML 18Page - Cirrus Logic CS5343 Datasheet HTML 19Page - Cirrus Logic CS5343 Datasheet HTML 20Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
16
DS687A4
CS5343/4
4.4.1
Component Values
Three parameters determine the values of resistors R1 and R2 as shown in Figure 6: source impedance,
attenuation, and input impedance. Table 6 shows the design equation used to determine these values.
•
Source Impedance: Source impedance is defined as the impedance as seen from the ADC looking
back into the signal network. The ADC achieves optimal THD+N performance with a source imped-
ance less than or equal to 2.5 k
Ω.
•
Attenuation: The required attenuation factor depends on the magnitude of the input signal. The full-
scale input voltage is specified under “Analog Characteristics - Commercial Grade” on page 6. The
user should select values for R1 and R2 such that the magnitude of the incoming signal multiplied by
the attenuation factor is less than or equal to the full-scale input voltage of the device.
•
Input Impedance: Input impedance is the impedance from the signal source to the ADC analog input
pins. Table 6 shows the input parameters and the associated design equations.
Figure 7 illustrates an example configuration using two 4.99 k
Ω resistors in place of R1 and R2. Based on
the discussion above, this circuit provides an optimal interface for both the ADC and the signal source.
First, consumer equipment frequently requires an input impedance of 10 k
Ω, which the 4.99 kΩ resistors
provide. Second, this circuit will attenuate a typical line level voltage, 2 Vrms, to the full-scale input of the
ADC, 1 Vrms when VA = 5 V. Finally, at 2.5 k
Ω, the source impedance optimizes analog performance of
the ADC.
4.5
Grounding and Power Supply Decoupling
As with any high-resolution converter, designing with the CS5343/4 requires careful attention to power sup-
ply and grounding arrangements if its potential performance is to be realized. Figure 3 shows the recom-
mended power arrangements, with VA connected to a clean supply. Decoupling capacitors should be as
near to the ADC as possible, with the low value ceramic capacitor being the nearest. All signals, especially
clocks, should be kept away from the FILT+ and VQ pins in order to avoid unwanted coupling into the mod-
ulators. The FILT+ and VQ decoupling capacitors, particularly the 0.01 µF, must be positioned to minimize
the electrical path from FILT+ to GND. The CDB5343 evaluation board demonstrates the optimum layout
and power supply arrangements. To minimize digital noise, connect the ADC digital outputs only to CMOS
inputs.
Source Impedance
Attenuation Factor
Input Impedance
Table 6. Analog Input Design Parameters
R1
R2
×
()
R1
R2
+
-------------------------
R2
()
R1
R2
+
()
-------------------------
R1
R2
+
()
Figure 7. CS5343/4 Example Analog Input Network
CS5343/4
AIN
Input
4.99 k
Ω
4.99 k
Ω
1 µF
180pF
C0G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com