Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS4101D Datasheet(PDF) 45 Page - Positronic.

Part # FS4101D
Description  Positronic Provides Complete Capability
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POSITRONIC [Positronic.]
Direct Link  https://www.connectpositronic.com/en/
Logo POSITRONIC - Positronic.

FS4101D Datasheet(HTML) 45 Page - Positronic.

Back Button FS4101D Datasheet HTML 41Page - Positronic. FS4101D Datasheet HTML 42Page - Positronic. FS4101D Datasheet HTML 43Page - Positronic. FS4101D Datasheet HTML 44Page - Positronic. FS4101D Datasheet HTML 45Page - Positronic. FS4101D Datasheet HTML 46Page - Positronic. FS4101D Datasheet HTML 47Page - Positronic. FS4101D Datasheet HTML 48Page - Positronic. FS4101D Datasheet HTML 49Page - Positronic. Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 86 page
background image
MATERIALS AND FINISHES:
Insulator:
Glass filled polyester per ASTM D 5927
UL 94V-0, blue color.
Contacts:
Precision machined copper alloy.
Contact Plating:
SIGNAL:
Gold flash over nickel plate and gold 0.000050
[1.27µ] over nickel plate. Other finishes available
upon request, see page 81.
POWER:
Gold flash over nickel. Other finishes available
upon request, see page 81.
SHIELDED:
For contact platings, see page 68.
HIGH VOLTAGE:
For contact platings, see page 68.
Shells:
Steel with tin plate; zinc plate with chromate
seal; stainless steel passivated. Other
materials and finishes available upon request.
Mounting Spacers:
Copper alloy or steel with zinc plate and
chromate seal or tin plate; stainless steel,
passivated.
Jackscrew Systems:
Brass or steel with zinc plate and chromate
seal or clear zinc plate or tin plate; stainless
steel, passivated.
Hoods:
Composite and plastic, UL 94V-0; brass
or steel with zinc plate and chromate seal.
Aluminum; aluminum with electroless nickel
plate. For aluminum hoods, zinc content is
1% maximum. Die cast zinc.
CBCD high density series connectors are
quality
connectors designed for use in sheltered, mildly corrosive
environments having a wide range of temperature, pressure
and humidity changes. CBCD series connectors offer mixed
crimp-removable contact combinations of power, signal, and
thermocouple contacts within the same connector body.
A wide assortment of cable support hoods and locking
systems is available from stock.
CBCD series connectors also offer a blind mating connector
system for applications requiring connector couplings in
recessed areas or for mobile power coupling systems.
CBCD series connectors utilize precision machined contacts
and meet applicable performance and dimensional requirements
of IEC 60807-7, MIL-DTL-24308 and AS39029.
Size 22 Removable Signal and
Thermocouple Crimp Contacts
Size 16 Removable Power Contacts
Size 8 Removable Power, Shielded,
Air and High Voltage Contacts
UL and CSA Recognition,
for status contact Technical Sales
TECHNICAL CHARACTERISTICS
Non-magnetic versions are available, contact Technical Sales.
MECHANICAL CHARACTERISTICS:
Signal Contacts,
Crimp Removable:
Size 22 contacts, male – 0.030 inch
[0.76mm] mating diameter. Terminations
for 20, 22, 24, 26, 28 and 30 AWG.
Female PosiBand closed entry design,
see page 69 for details. Closed crimp
barrel.
Power Contacts,
Crimp Removable:
Size 16 contacts, male – 0.0625
inch [1.588mm] mating diameter.
Terminations for 12, 14, 16, 18, 20,
22, and 24 AWG. Female closed entry
design. Closed crimp barrel.
Size 8 contacts, male – 0.142 inch
[3.61mm] mating diameter. Terminations
for 6, 8, 10, 12, and 16 AWG. Female
contact features Large Surface Area
(L.S.A.) closed entry contact design
utilizing BeCu mechanical retention
member. Closed crimp barrel.
Contact Retention In Insulator:
SIGNAL SIZE 22
9 lbs. [40N].
POWER SIZE 16
15 lbs. [67N]
POWER SIZE 8
22 lbs. [98N] - power, shielded and
high voltage.
continued on next page. . . .
PROFESSIONAL, INDUSTRIAL AND MILITARY QUALITY
THREE PERFORMANCE LEVELS FOR BEST COST/PERFORMANCE RATIO
HIGH DENSITY CRIMP / SOLDER REMOVABLE CONTACTS
Combo-D
D-Sub
Positronic
connectpositronic.com
39
DIMENSIONS ARE IN INCHES [MILLIMETERS].
ALL DIMENSIONS ARE SUBJECT TO CHANGE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com