Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS4101D Datasheet(PDF) 67 Page - Positronic.

Part # FS4101D
Description  Positronic Provides Complete Capability
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POSITRONIC [Positronic.]
Direct Link  https://www.connectpositronic.com/en/
Logo POSITRONIC - Positronic.

FS4101D Datasheet(HTML) 67 Page - Positronic.

Back Button FS4101D Datasheet HTML 63Page - Positronic. FS4101D Datasheet HTML 64Page - Positronic. FS4101D Datasheet HTML 65Page - Positronic. FS4101D Datasheet HTML 66Page - Positronic. FS4101D Datasheet HTML 67Page - Positronic. FS4101D Datasheet HTML 68Page - Positronic. FS4101D Datasheet HTML 69Page - Positronic. FS4101D Datasheet HTML 70Page - Positronic. FS4101D Datasheet HTML 71Page - Positronic. Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 86 page
background image
4 Higher reliability in harsh environments and repeated
mating cycles.
4 PosiBand crimp contacts do not need to be annealed. Split
tine D-subminiature contacts are commonly annealed at the
crimp barrel, with the possibility of reliability problems at the
contact interface if the annealing is performed incorrectly.
4 Electrical and mechanical function of the contact interface are
separated since the PosiBand contact is a two-piece design.
Contact normal force is provided by the “Posiband spring
member”, which allows higher mechanical reliability. The
electrical continuity path is supported through the base contact, which allows a greater number of electrical
paths on a “micro” level when compared to split tine contact design.
4 Higher reliability at prices comparable to the “split tine” design.
4 PosiBand is protected by US Patent 7,115,002.
For a detailed white paper visit: www.connectpositronic.com/posiband
Legacy “split tine” contact with sleeve
PosiBand spring member
placed on base contact
REMOVABLE CONTACT TECHNICAL CHARACTERISTICS
MECHANICAL CHARACTERISTICS, continued:
SHIELDED:
Insert contact to rear face of insulator,
release from front face of insulator. Size 8
contacts. See page 78 table of cable sizes
for contact termination dimensions.
Durability:
500 cycles minimum.
Vibration:
20g from 10 Hz to 500 Hz.
Shock:
30g-11ms.
AIR LINE COUPLER:
Insert contact to rear face of insulator,
release from front face of insulator.
ELECTRICAL CHARACTERISTICS:
POWER CONTACTS:
For electrical characteristics, see page 4.
HIGH VOLTAGE:
Flash over Voltage:
3600 V r.m.s.
Proof Voltage:
2700 V r.m.s.
Initial Contact Resistance:
0.008 ohms maximum.
SHIELDED:
Initial Contact Resistance:
0.008 ohms maximum.
Nominal Impedance:
50 ohms.
Insertion Loss:
-0.46 dB at 1 GHz
-1.5 dB at 2 GHz
VSWR:
1.15 average at 1 GHz
1.56 average at 2 GHz
Above values measured using frequency domain techniques.
Proof Voltage:
1000 V r.m.s.
OPTIONAL PLATING FINISHES
-14
0.000030 [0.76 µ] gold over nickel by adding
“-14” suffix onto part number. Example:
FC120N4-14.
-15
0.000050 inch [1.27µ] gold over nickel by
adding “-15”. Example: FC120N4-15.
RoHS OPTIONS:
/AA
Environmental Compliance Option:
RoHS compliant can be achieved by
adding “/AA” suffix onto part number.
Examples: FC120N4/AA or for optional
finishes use FC120N4/AA-14.
continued from previous page . . .
What makes Positronic’s
PosiBand ® contact
interface significant?
For information regarding crimp tool and crimping tool techniques, see Application Tools section, page 82.
69
DIMENSIONS ARE IN INCHES [MILLIMETERS].
ALL DIMENSIONS ARE SUBJECT TO CHANGE.
REMOVABLE CONTACTS
Combo-D
D-Sub
Positronic
connectpositronic.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com