Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASDM Datasheet(PDF) 3 Page - Abracon Corporation

Part # ASDM
Description  PLASTIC PACKAGE ULTRA MINIATURE PURE SILICON™ CLOCK OSCILLATORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASDM Datasheet(HTML) 3 Page - Abracon Corporation

  ASDM Datasheet HTML 1Page - Abracon Corporation ASDM Datasheet HTML 2Page - Abracon Corporation ASDM Datasheet HTML 3Page - Abracon Corporation ASDM Datasheet HTML 4Page - Abracon Corporation ASDM Datasheet HTML 5Page - Abracon Corporation ASDM Datasheet HTML 6Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ABRACON IS
ISO9001-2015
CERTIFIED
Hidden Creek Ln Spicewood TX 78669
5101
Phone: 512-371-6159 | Fax: 512-351-8858
REVISED: 09-21-23
For terms and conditions of sales, please visit:
www.abracon.com
PLASTIC PACKAGE ULTRA MINIATURE PURE SILICON™ CLOCK OSCILLATORS
ASDM
2.5 x 2.0 x 0.85 mm
RoHS/RoHS II Compliant
MSL Level = 1
Request Samples
Check Inventory
ASDM -
MHz -
-
Supply Voltage
1: 3.3 ± 0.3V
2: 3.0 ± 0.3V
3: 2.5 ± 0.2V
4: 1.8 ± 0.15V
5: 2.8 ± 0.2V
Frequency in MHz
e.g. 14.3181 MHz
(Maximum 4 digits
after decimal)
Operating Temp.
Blank: 0°C ~ +70°C
E: -20°C ~ +70°C
L: -40°C ~ +85°C
Overall Freq. Stability
Blank: ±100ppm
R: ±25ppm
C: ±50ppm
Packaging
Blank: 140pcs / Tube
T: 1,000pcs / reel
Options and Part Identification (left blank if standard)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com