Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASDM Datasheet(PDF) 1 Page - Abracon Corporation

Part # ASDM
Description  PLASTIC PACKAGE ULTRA MINIATURE PURE SILICON™ CLOCK OSCILLATORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASDM Datasheet(HTML) 1 Page - Abracon Corporation

  ASDM Datasheet HTML 1Page - Abracon Corporation ASDM Datasheet HTML 2Page - Abracon Corporation ASDM Datasheet HTML 3Page - Abracon Corporation ASDM Datasheet HTML 4Page - Abracon Corporation ASDM Datasheet HTML 5Page - Abracon Corporation ASDM Datasheet HTML 6Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ABRACON IS
ISO9001-2015
CERTIFIED
Hidden Creek Ln Spicewood TX 78669
5101
Phone: 512-371-6159 | Fax: 512-351-8858
REVISED: 09-21-23
For terms and conditions of sales, please visit:
www.abracon.com
PLASTIC PACKAGE ULTRA MINIATURE PURE SILICON™ CLOCK OSCILLATORS
ASDM
2.5 x 2.0 x 0.85 mm
RoHS/RoHS II Compliant
MSL Level = 1
Request Samples
Check Inventory
Parameters
Min.
Typ.
Max.
Units
Notes
Frequency Range:
1.0
150
MHz
Operating Temperature:
0
+70
°C
See options
Storage Temperature:
-55
+150
+150
°C
Supply Voltage (Vdd):
+1.8 ~ +3.3
V
See options
Supply Current
(no load):
1.0 to 39.9999MHz
7
15
mA
Vdd=3.3V
No load
RL=∞
T=25°C
40.0 to 79.9999MHz
8
15
80.0 to 124.9999MHz
9
15
125.0 to 150MHz
10
15
Output Voltage:
VOH
0.8*Vdd
V
15pF
VOL
0.2*Vdd
Rise Time:
Fall Time:
Tr
1.3
3.0
ns
15pF; T=25°C
20%/80%*VDD
Tf
1.3
3.0
Output Load:
15pF max / 10kΩ min.
pF
Symmetry:
45
55
%
@1/2Vdd
Startup Time:
1.5
3.0
ms
Disable Time:
20
100
ns
Disable Stand-by Current:
15
uA
Tri-state Function (Stand-by) :
"1" (VIH≥0.75*Vdd) or
Open: Oscillation
"0" (VIH<0.25*Vdd) : Hi Z
V
Cycle to cycle jitter:
60
ps
F=100MHz
Aging:
-5.0
+5.0
ppm
First year
Low Power Consumption
Exceptional Stability Over Temp. at -40°C to +85°C
Low Cost-Compact QFN Plastic Packaging
Compact Package design
CCD Clock for VTR Camera
Equipment Connected to PCs
Low Profile Equipment
Computers and Peripherals
Portable Electronics
Consumer Electronics
Vibrant, Shock-Prone & Humid Environments
for Industrial Equipment
Demanding Military & Automotive Electronics
Common Key Electrical Specifications
Applications
Features


Similar Part No. - ASDM

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASDM ABRACON-ASDM Datasheet
343Kb / 2P
ULTRA MINIATURE PLASTIC PACKAGE PURE SILICON CLOCK OSCILLATOR
05.06.08
logo
AAEON Technology
ASDM-L-CFS AAEON-ASDM-L-CFS Datasheet
534Kb / 2P
Intel® Smart Display Module-Large Size with 8th/9th Generation Intel®Coffee Lake -S / Refresh series Processor (Socket Type)
ASDM-L-CFS-A10-0003 AAEON-ASDM-L-CFS-A10-0003 Datasheet
534Kb / 2P
Intel® Smart Display Module-Large Size with 8th/9th Generation Intel®Coffee Lake -S / Refresh series Processor (Socket Type)
ASDM-L-CFS-A10-0004 AAEON-ASDM-L-CFS-A10-0004 Datasheet
534Kb / 2P
Intel® Smart Display Module-Large Size with 8th/9th Generation Intel®Coffee Lake -S / Refresh series Processor (Socket Type)
logo
Abracon Corporation
ASDM1 ABRACON-ASDM1 Datasheet
102Kb / 1P
ULTRA MINIATURE PURE SILICON CLOCK OSCILLATORS
08.22.07
More results

Similar Description - ASDM

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASFLM1 ABRACON-ASFLM1 Datasheet
230Kb / 2P
PLASTIC PACKAGE ULTRA MINIATURE PURE SILICON CLOCK OSCILLATOR
6.18.07
ASFLM ABRACON-ASFLM Datasheet
232Kb / 2P
CERAMIC PACKAGE ULTRA MINIATURE PURE SILICON CLOCK OSCILLATOR
6.18.07
ASDM ABRACON-ASDM Datasheet
343Kb / 2P
ULTRA MINIATURE PLASTIC PACKAGE PURE SILICON CLOCK OSCILLATOR
05.06.08
ASEM ABRACON-ASEM Datasheet
259Kb / 2P
ULTRA MINIATURE PLASTIC PACKAGE PURE SILICON CLOCK OSCILLATOR
05.06.08
ASEM1 ABRACON-ASEM1 Datasheet
102Kb / 1P
ULTRA MINIATURE PURE SILICON CLOCK OSCILLATORS
08.22.07
ASFLM ABRACON-ASFLM_08 Datasheet
254Kb / 2P
ULTRA MINIATURE PLASTIC PACKAGE PURE SILICON CLOCK OSCILLATOR
05.06.08
ASEM1-24.000MHZ-LC-T ABRACON-ASEM1-24.000MHZ-LC-T Datasheet
1Mb / 3P
ULTRA MINIATURE PLASTIC PACKAGE PURE SILICON CLOCK OSCILLATOR
07.21.11
ASFLMB ABRACON-ASFLMB Datasheet
10Mb / 5P
PLASTIC PACKAGE INDUSTRIAL GRADE ULTRA MINIATURE PURE SILICON TM CLOCK OSCILLATOR
11.02.15
ASFLMP ABRACON-ASFLMP Datasheet
3Mb / 6P
PERFORMANCE PLASTIC PACKAGE ULTRA MINIATURE PURE SILICONTM CLOCK OSCILLATOR
08.19.15
ASVMP ABRACON-ASVMP Datasheet
3Mb / 7P
PERFORMANCE PLASTIC PACKAGE ULTRA MINIATURE PURE SILICONTM CLOCK OSCILLATOR
08.19.15
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com