Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OS100-LS Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # OS100-LS
Description  Miniature Industrial, Non-Contact
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OS100-LS Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  OS100-LS Datasheet HTML 1Page - List of Unclassifed Manufacturers OS100-LS Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
J-68
J
Dimensions:
Sensor Head:
25.4 OD x 63.5 mm L (1 x 2.5")
Main Housing:
65.5 W x 30.5 D x 115.3 mm L
(2.58 x 1.2 x 4.54")
Weight: 272 g (0.6 lb)
LASER SIGHT ACCESSORy
(OS100-LS)
Wavelength (Color):
630 to 670 nm (red)
Operating Distance (Laser Dot):
Up to 9.1 m (30')
Max Output Optical Power:
Less than 1 mW @ 25°C (77°F)
ambient temperature
European Classification: Class 2,
EN60825-1/11.2001
Max Operating Current:
25 mA @ 3 Vdc
FDA Classification: Complies with
21 CFR 1040.10, Class II Laser Product
Beam Diameter: 5 mm
Beam Divergence: <2 mrad
Operating Temperature:
0 to 50°C (32 to 122°F)
Operating Relative Humidity: Less
than 95% RH, non-condensing
Power Switch: On/off slide switch on
the battery pack
Power Indicator: Red LED
Power: Battery pack, 3 Vdc (consists of
two 1.5 Vdc “AA” lithium batteries)
Dimensions:
38 Dia. x 50.8 mm L (1.5 x 2")
Software (Included):
Requires Windows 98 or newer
Windows operating system
DISTANCE: SENSOR TO OBJECT (INCH)
D:S=6:1
1cm@0
0
20
3.3
40
6.6
60
10.0
80
13.0
100
16.0
122
20.0
0.4"@0"
2.0"
1.0"
4.0"
6.0"
8.0"
48"
36"
24"
12"
6"
0"
DISTANCE: SENSOR TO OBJECT (CM)
* SPOT DIAMETER MEASURED AT 90% ENERGY
Available Accessories
OS100-MB
mounting
bracket.
All models shown smaller than actual size.
OS100-AP air
purge collar.
Optical Field of View
Comes complete with sensor head and 1.8 m (6') cable, sensor head mounting nut, main
electronics housing, user software and operator’s manual.
Ordering Examples: OS101E-MA + OS100-LS + OS100-CA15FT, transmitter with
4 to 20 mA output, laser sighting accessory and 4.6 m (15') sensor head extension cable.
OCW-3, OMEGACARESM extends standard 1-year warranty to a total of 4 years.
Model Number
Description
OS100-MB
Mounting bracket
OS100-DR
DIN rail mounting adaptor
OS100-AP
Air purge collar
OS100-WC
Water cooling jacket, up to 200°C
OS100-LS
Laser sighting accessory
OS100-CA15FT
Sensor head extension cable, 4.6 m (15')
OS100-CA25FT
Sensor head extension cable, 7.6 m (25')
TX8-100
Power/output cable, 30 m (100')
PSR-24S
Regulated power supply, US plug, 90 to 264 Vac input,
24 Vdc output, 400 mA, screw terminals, UL
PSR-24L
Regulated power supply, US plug, 90 to 264 Vac input,
24 Vdc output, 400 mA, stripped leads, UL
PSR-24L-230
Regulated power supply, European plug, 230 Vac input,
24 Vdc output, 400 mA, stripped leads, CE
PSU-93
Unregulated power supply, 16 to 23 Vdc, 300 mA max, screw terminal
CAL-3-IR
NIST-traceable calibration
Accessories
To Order Visit omega.com/os101e for Pricing and Details
Model Number
Description
OS101E-MV
Transmitter with 1 mV/°C or °F output
OS101E-V1
Transmitter with 0 to 5 Vdc output
OS101E-V2
Transmitter with 0 to 10 Vdc output
OS101E-MA
Transmitter with 4 to 20 mA output
OS101E-K
Transmitter with Type K thermocouple output
Models with High-Temperature Sensing Head
OS101E-MV-HT
Transmitter with 1 mV/°C or °F output
OS101E-V1-HT
Transmitter with 0 to 5 Vdc output
OS101E-V2-HT
Transmitter with 0 to 10 Vdc output
OS101E-MA-HT
Transmitter with 4 to 20 mA output
OS101E-K-HT
Transmitter with Type K thermocouple output
Models with Built-In LED Display
OS100-LS laser
sighting.
Model Number
Description
OS102E-MV
Transmitter with 1 mV/°C or °F output and LED display
OS102E-V1
Transmitter with 0 to 5 Vdc output and LED display
OS102E-V2
Transmitter with 0 to 10 Vdc output and LED display
OS102E-MA
Transmitter with 4 to 20 mA output and LED display
OS102E-K
Transmitter with Type K output and LED display
Models with High-Temperature Sensing Head
OS102E-MV-HT
Transmitter with 1 mV/°C or °F output and LED display
OS102E-V1-HT
Transmitter with 0 to 5 Vdc output and LED display
OS102E-V2-HT
Transmitter with 0 to 10 Vdc output and LED display
OS102E-MA-HT
Transmitter with 4 to 20 mA output and LED display
OS102E-K-HT
Transmitter with Type K output and LED display
OS100-WC water
cooling jacket.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com