Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OS100-LS Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # OS100-LS
Description  Miniature Industrial, Non-Contact
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OS100-LS Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  OS100-LS Datasheet HTML 1Page - List of Unclassifed Manufacturers OS100-LS Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
J-67
Miniature Industrial, Non-Contact
IR Temperature Sensor/Transmitters
With Built-In LED Display Option
OS100E Series
U
-18 to 538°C (0 to 1000°F)
Temperature Range
U
Adjustable Emissivity
from 0.10 to 1.0
U
Fast, Accurate,
Repeatable Readings
U
Type K Thermocouple,
0 to 5 Vdc, 0 to 10 Vdc,
4 to 20 mA, or 1 mV/Deg
Analog Output Models
U
Built-In°C/°F-Switchable
U
LEDDisplayModelAvailable
U
Rugged, Miniature
Industrial Enclosure with
Remote Sensor Head
U
User-Adjustable High
or Low Alarm Output
U
PC Interface Standard
on All Models
U
OS100-SOFT Data
Acquisition and Real-Time
Temperature Display
Software
U
NEMA 4 (IP65) Rated
Aluminum Housing
U
Models with
High-Temperature Sensor
Head Available (See “To
Order” Notes)
The OMEGA® OS100E Series
miniature infrared transmitters measure
a temperature range of -18 to
538°C (0 to 1000°F). They consist
of a remotely mounted infrared
sensor head connected to a high-
performance, microprocessor-based
signal conditioner. The miniature
sensor head is ideal for measuring
temperature in confined, hard-to-reach
places and harsh environments.
The sensor head is connected to
the main electronics housing via a
1.8 m (6') shielded cable. The signal
conditioner’s main electronics are
mounted in a rugged NEMA 4 (IP65)
rated die-cast aluminum housing.
OS102E includes a built-in LED
display that is switchable between
°C and °F. Standard features
include adjustable emissivity, field-
adjustable alarm output, and RS232
PC interface. The unit has analog
outputs such as 4 to 20 mA, 0/5
Vdc, 0/10 Vdc, 1 mV/Deg, and
Type K thermocouple.
Strain
relief port
for power
and output
leads.
OS101E-MV
Specifications
Temperature Range: -18 to 538°C
(0 to 1000°F)
Accuracy @ 22°C (72°F) Ambient
Temperature and Emissivity of
0.95 or Greater: ±2% rdg or 2.2°C
(4°F), whichever is greater
Optical Field of View: 6:1 (distance/
spot size)
Sensor Head Cable Extension:
Up to 15 m (50') total
Repeatability: ±1% rdg
Spectral Response: 5 to 14 microns
Response Time: 100 ms (0 to 63% of
final value)
Emissivity Range: 0.1 to 1.00,
adjustable
Display Option (102E): 4-digit LED,
°C/°F switchable
Operating Temperature:
Main Transmitter:
0 to 50°C (32 to 122°F)
Sensor Head: 0 to 70°C (32 to 158°F)
Sensor Head (-HT Model):
0 to 85°C (32 to 185°F)
Sensor Head with OS100-WC
(Water Cooling Jacket): 0 to 200°C
(32 to 392°F)
Operating Relative Humidity:
Less than 95% RH, non-condensing
Water Flow Rate for OS100-WC:
0.25 GPM, room temperature
Thermal Shock: About 30 minutes
for 25°C (77°F) abrupt ambient
temperature change
Warm-Up Period: 3 minutes
Air Flow Rate for OS100-AP:
1 CFM (0.5 L/s)
Power: 12 to 24 Vdc @ 150 mA
PC Communications:
Serial RS232, 2-way
Analog Outputs:
MV: 1 mV/Deg
K: Type K thermocouple
MA: 4 to 20 mA
V1: 0 to 5 Vdc
V2: 0 to 10 Vdc
Output Load Requirements:
Min Load: 1 kΩ (0 to 5 Vdc),
2 kΩ (0 to 10 Vdc)
Max Load (4 to 20 mA):
(supply power - 4)/20 mA
Transmitter Housing:
NEMA 4 (IP65), die-cast aluminum
Sensor Head Housing:
NEMA 4 (IP65), aluminum
Alarm Output: Open drain, 100 mA
Alarm Setpoint: 0 to 100%, adjustable
Alarm Deadband: 5.5°C (10°F)
OS102E-MV
shown smaller than actual size.
Optional
Extended Warranty
Program
SM
OMEGACARESM extended warranty program
is available for models shown on this page.
Ask your sales representative for full details
when placing an order. OMEGACARESM
covers parts, labor and equivalent loaners.


Similar Part No. - OS100-LS

ManufacturerPart #DatasheetDescription
logo
ABB
OS100-200GB ABB-OS100-200GB Datasheet
4Mb / 24P
Switch fuses
28.11.2019
More results

Similar Description - OS100-LS

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTH-301A LITEON-LTH-301A Datasheet
154Kb / 4P
NON-CONTACT SWITCHING
logo
Allen-Bradley
GS1 ALLEN-BRADLEY-GS1 Datasheet
84Kb / 4P
Non contact Switches
GD2 ALLEN-BRADLEY-GD2 Datasheet
51Kb / 2P
Non contact Switches
FRS6 ALLEN-BRADLEY-FRS6 Datasheet
57Kb / 2P
Non contact Switches
FRS3 ALLEN-BRADLEY-FRS3 Datasheet
54Kb / 2P
Non contact Switches
FRS1 ALLEN-BRADLEY-FRS1 Datasheet
90Kb / 4P
Non contact Switches
440N-S32014 ALLEN-BRADLEY-440N-S32014 Datasheet
90Kb / 4P
Non contact Switches
440N-S32013 ALLEN-BRADLEY-440N-S32013 Datasheet
95Kb / 4P
Non contact Switches
440N-N15017 ALLEN-BRADLEY-440N-N15017 Datasheet
81Kb / 4P
Non contact Switches
440N-C02068 ALLEN-BRADLEY-440N-C02068 Datasheet
126Kb / 4P
Non contact Switches
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com