Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPT1 Datasheet(PDF) 1 Page - Samtec, Inc

Part # IPT1
Description  SHROUDED POWER CONNECTOR SET
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc

IPT1 Datasheet(HTML) 1 Page - Samtec, Inc

  IPT1 Datasheet HTML 1Page - Samtec, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
(2,54 mm) .100"
IPT1 SERIES
IPT1–110–01–L–D
Choice of
Through-Hole,
Right Angle or
Surface Mount
(6,35 mm)
.250"
Each pin individually
shrouded for electrical
and mechanical protection
IPT1–125–01–L–D–RA
IPT1–105–01–L–D–VS
IPT1–110–04–L–D
WWW.SAMTEC.COM
Note:
Some sizes, styles and
options are non-standard,
non-returnable.
For complete specifications
see www.samtec.com?IPT1
Insulator Material:
Black LCP
Contact Material:
Phosphor Bronze
Plating:
Sn or Au over 50µ" (1,27 µm) Ni
Operating Temp Range:
-55°C to +105°C with Tin;
-55°C to +125°C with Gold
Insertion Depth:
(3,81 mm) .150" to
(6,48 mm) .255"
Wiping Distance:
(0,38 mm) .015"
Insertion Force (SMT):
3.0 oz (0,83 N) avg.
Withdrawal Force (SMT):
2.6 oz (0,72 N) avg.
Insertion Force (T/H):
6.0 oz (1,67 N) avg.
Withdrawal Force (T/H):
5.0 oz (1,39 N) avg.
Voltage Rating:
550 VAC/777 VDC
RoHS Compliant: Yes
Processing:
Lead–Free Solderable: Yes
SMT Lead Coplanarity:
(0,13 mm) .005" max (05-10)
(0,15 mm) .006" max (15-25)
IPT1
PLATING
OPTION
LEAD
STYLE
D
05, 10, 15, 20, 25
(Standard sizes)
1
Requires –01
Lead Style
(Leave blank for
Through-Hole)
–RA
= Right Angle
–VS
= Surface Mount
–L
= 10µ" (0,25 µm)
Gold on contact,
Matte Tin on tail
Specify
LEAD
STYLE
from
chart
OTHER
OPTION
–A
= Alignment Pin
(–VS only)
(N/A with -LC)
–LC
= Locking Clip
(Manual
placement
required)
(–VS only)
(N/A with -A)
–K
= (6,00 mm)
.236" DIA
Polyimide film
Pick & Place Pad
(–VS only)
–TR
= Tape & Reel
Packaging
(–VS only)
NO. PINS
PER ROW
Mates with:
IPS1
TAIL
OPTION
SPECIFICATIONS
SHROUDED POWER CONNECTOR SET
LEAD
STYLE
MATED
HEIGHT
AB
–01
(11,05)
.435
(6,35)
.250
(2,16)
.085
-01-VS
(13,59)
.535
(6,35)
.250
N/A
–02
(14,00)
.551
(9,30)
.366
(2,64)
.104
–03
(16,00)
.630
(11,30)
.445
(2,16)
.085
–04
(17,00)
.669
(12,30)
.484
(2,69)
.106
–05
(19,00)
.748
(14,30)
.563
(2,46)
.097
–06
(20,00)
.787
(15,30)
.602
(2,35)
.093
–07
(25,00)
.984
(20,30)
.799
(2,31)
.091
–08
(30,00)
1.181
(25,30)
.996
(2,39)
.094
–09
(35,00)
1.378
(30,30)
1.193
(2,46)
.097
F-214
(1,27)
.050
(7,16)
.282
A
B
(0,64) .025 SQ
(2,54) .100
(1,50)
.060
(2,30)
.090
A
(0,51)
.020
(2,54)
.100
(2,54)
.100
01
49
02
50
No. of positions x (2,54) .100
+ (0,51) .020
(5,08)
.200
Surface Mount
Through-hole
• Individually
shrouded
contacts
• Locking clip
option
–VS
–RA
APPLICATION
IPT1
IPS1
MATED
HEIGHT
For complete scope
of recognitions see
www.samtec.com/quality
RECOGNITIONS
IPT1/IPS1
PINS
CURRENT RATING
(PER CONTACT)
1
5.9 A
2
4.8 A
3
4.1 A
4
3.6 A
ALL
2.3 A
ALSO AVAILABLE
(MOQ Required)
• Other sizes
• Other platings
• Latching feature
• No. 1 position polarized
Contact Samtec.


Similar Part No. - IPT1

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
IPT1 SAMTEC-IPT1 Datasheet
561Kb / 2P
FLEXIBLE POWER SYSTEMS
logo
Pepperl+Fuchs Inc.
IPT1-FP PF-IPT1-FP Datasheet
481Kb / 2P
Read/write head
logo
Infineon Technologies A...
IPT111N20NFD INFINEON-IPT111N20NFD Datasheet
1,010Kb / 10P
OptiMOS짧3 Power-Transistor, 200 V
Rev.2.1,2016-02-23
logo
IP SEMICONDUCTOR CO., L...
IPT1206-BEA IPS-IPT1206-BEA Datasheet
226Kb / 4P
High current density due to double mesa technology
IPT1206-BEB IPS-IPT1206-BEB Datasheet
226Kb / 4P
High current density due to double mesa technology
More results

Similar Description - IPT1

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RAC48-05S-OF RECOM-RAC48-05S-OF Datasheet
1Mb / 1P
Connector Set for RECOM Power Supply
RAC48 RECOM-RAC48 Datasheet
102Kb / 2P
Connector Set available
RAC60 RECOM-RAC60 Datasheet
102Kb / 2P
Connector Set available
logo
PHOENIX CONTACT
2732473 PHOENIX-2732473 Datasheet
56Kb / 2P
Connector set
2860950 PHOENIX-2860950 Datasheet
90Kb / 2P
Connector set
1689145 PHOENIX-1689145 Datasheet
79Kb / 3P
D-SUB connector set - VS-09-SET-STD
1780235 PHOENIX-1780235 Datasheet
42Kb / 1P
Connector set - MSTB-SET/EMUG 22- 4REL
1780251 PHOENIX-1780251 Datasheet
42Kb / 1P
Connector set - MSTB-SET/EMUG 45- 8REL
1780264 PHOENIX-1780264 Datasheet
42Kb / 1P
Connector set - MSTBP-SET/EMUG 22- 4REL
1780277 PHOENIX-1780277 Datasheet
42Kb / 1P
Connector set - MSTBP-SET/EMUG 45- 4REL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com