Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IZPR1F4 Datasheet(PDF) 2 Page - APEM

Part # IZPR1F4
Description  Rear mounted sealed pushbutton switches - bushing Ø 16 mm - latching
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEM [APEM]
Direct Link  www.apem.com
Logo APEM - APEM

IZPR1F4 Datasheet(HTML) 2 Page - APEM

  IZPR1F4 Datasheet HTML 1Page - APEM IZPR1F4 Datasheet HTML 2Page - APEM IZPR1F4 Datasheet HTML 3Page - APEM IZPR1F4 Datasheet HTML 4Page - APEM  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
IZ series
Rear mounted sealed pushbutton switches - bushing Ø 16 mm - latching
Distinctive features and specifications
APEM
www.apem.com
B-51
IZ
SERIES
Electrical function
1
ON - OFF
Actuator colour
1
Blue
B
Dark blue
2
Black
3
Green
5
Yellow
6
Red
7
White
8
Bright chrome
9
Orange
A
Satin chrome
Contacts
4
Silver, gold plated
LED colour
Blank
Non-illum.
L0S
Super red
L0Y
Yellow
L0G
Green
L0B
Blue
ABOUTTHISSERIES
On the following pages, you will find successively :
model structure of switches and options in the same order as in above chart
Dimensions :
first dimensions are in mm while inches are shown as bracketted numbers.
NOTICE
: please note that not all combinations of above numbers are available.
Refer to the following pages for further information.
Bushing & bezel finish
2
Black (standard)
Other : on request.
Actuator shape
R
Round, curved
P
Round, flat
Model
P
Plastic
Mounting accessories
: Standard hardware supplied : 1 castellated black plastic nut U4249 and 1 silicone flat seal.
Packaging unit
: 25 pieces for flying lead models - 40 pieces for other models
Terminals
S
Solder lugs
F
Flying leads
P
Straight PC
Z
Quick-connect
B
New!



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com