Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IZPR1F4 Datasheet(PDF) 3 Page - APEM

Part # IZPR1F4
Description  Rear mounted sealed pushbutton switches - bushing Ø 16 mm - latching
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEM [APEM]
Direct Link  www.apem.com
Logo APEM - APEM

IZPR1F4 Datasheet(HTML) 3 Page - APEM

  IZPR1F4 Datasheet HTML 1Page - APEM IZPR1F4 Datasheet HTML 2Page - APEM IZPR1F4 Datasheet HTML 3Page - APEM IZPR1F4 Datasheet HTML 4Page - APEM  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
IZ series
Rear mounted sealed pushbutton switches - bushing Ø 16 mm - latching
Illuminated
B-52
APEM
www.apem.com
B
New!
Solder lug terminals
➞ Flat
Curved actuator
IZPR1S4
ON - OFF
Flat actuator
IZPP1S4
ON - OFF
MODEL
STRUCTURE
• Four LED colours
• Tin plated LED terminals
• Gold plated contacts
Plunger marking available on IZPP models (symbol 10 mm max.). On request.
Sealed flying lead terminals
➞ Flat
Curved actuator
IZPR1F4
ON - OFF
Flat actuator
IZPP1F4
ON - OFF
(.110)
2.80
1.20
(.047)
Quick-connect Z
Straight P
ACTUATOR COLOUR
1
: blue - B : dark blue - 2 : black - 3 : green - 5 : yellow - 6 : red - 7 : white - 8 : bright chrome - 9 : orange
A
: satin chrome
BUSHING AND BEZEL COLOUR
2
: black (standard)
Other : on request.
LED COLOUR
L0S
: super red - L0Y : yellow - L0G : green
L0B
: blue
Wire colours : black : NO contact,
red : LED anode(+), blue : LED cathode (-)
(.110)
2.80
1.40
(.055)
Solder lug S
Also available with straight PC terminals :
IZP•1P4
and quick-connect terminals : IZP•1Z4.
1.10X0.50
(.043X.019)
(+)
(-)
(-)
(+)
OFF
ON
(.630DIAx100IS)
Ø16.00x100SI
Ø12.00
(.472DIA)
Ø20.00
(.787DIA)
(.590/Flat)
15.00/Plat
Ø15.00
(.590DIA)
(.019x.023)
0.50x0.60
5.08
(.200)
(.630DIAx100IS)
Ø16.00x100SI
Ø12.00
(.472DIA)
Ø20.00
(.787DIA)
(.590/Flat)
15.00/Plat
Ø15.00
(.590DIA)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com