Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AISC-402-R12S-T Datasheet(PDF) 5 Page - Abracon Corporation

Part # AISC-402-R12S-T
Description  Ceramic Wire Wound Inductors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AISC-402-R12S-T Datasheet(HTML) 5 Page - Abracon Corporation

  AISC-402-R12S-T Datasheet HTML 1Page - Abracon Corporation AISC-402-R12S-T Datasheet HTML 2Page - Abracon Corporation AISC-402-R12S-T Datasheet HTML 3Page - Abracon Corporation AISC-402-R12S-T Datasheet HTML 4Page - Abracon Corporation AISC-402-R12S-T Datasheet HTML 5Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
TAPE & REEL:
AISC-0402
Ceramic Wire Wound Inductors
1.19 x 0.64 x 0.66mm
Pb RoHS / RoHS II Compliant
T= tape and reel (10,000pcs/reel)
Dimension: mm
ABRACON IS
ISO9001-2015
CERTIFIED
5101 Hidden Creek Ln Spicewood TX 78669
Phone: 512-371-6159 | Fax: 512-351-8858
For terms and conditions of sales, please visit:
www.abracon.com
REVISED: 1-21-21
Abracon LLC’s products are COTS – Commercial-O-The-Shelf products; suitable for Commercial, Industrial and, where designated, Automotive Applica
tions. Abracon’s products are not specifically designed for Military, Aviation, Aerospace, Life-dependent Medical applications or any application requiring high reliability
where component failure could result in loss of life and/or property. For applications requiring high reliability and/or presenting an extreme operating environment,
written consent and authorization from Abracon LLC is required. Please contact Abracon LLC for more information.
ATTENTION:
A
B
P
K
T
0.66±0.05
1.20±0.05
2.0±0.1
0.75±0.05
0.8±0.1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com