Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AISC-402-R12S-T Datasheet(PDF) 1 Page - Abracon Corporation

Part # AISC-402-R12S-T
Description  Ceramic Wire Wound Inductors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AISC-402-R12S-T Datasheet(HTML) 1 Page - Abracon Corporation

  AISC-402-R12S-T Datasheet HTML 1Page - Abracon Corporation AISC-402-R12S-T Datasheet HTML 2Page - Abracon Corporation AISC-402-R12S-T Datasheet HTML 3Page - Abracon Corporation AISC-402-R12S-T Datasheet HTML 4Page - Abracon Corporation AISC-402-R12S-T Datasheet HTML 5Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
AISC-0402
FEATURES:
APPLICATIONS:
• Exceptional high Q and SRF for high frequency applications
• Excellent DCR and current carrying characteristics
• Small size suitable for surface mounting
• Epoxy coating protects wound wire
ELECTRICAL SPECIFICATIONS:
• Widely applied in mobile phones such as GSM, CDMA, PDC, etc.
• Bluetooth, W-LAN, Broadband Network
• High Frequency Communication Circuits
• Video cameras, liquid crystal television, and other electronic devices
Ceramic Wire Wound Inductors
1.19 x 0.64 x 0.66mm
Pb RoHS / RoHS II Compliant
ABRACON IS
ISO9001-2015
CERTIFIED
5101 Hidden Creek Ln Spicewood TX 78669
Phone: 512-371-6159 | Fax: 512-351-8858
For terms and conditions of sales, please visit:
www.abracon.com
REVISED: 1-21-21
Part
Q
L/Q Test
SRF
RDC
IDC
Number
L (nH)
Tolerance
Min
Freq
Min
Max
Max
Inductance Code
(MHz)
(MHz)
(Ω)
(mA)
1N0
1.0
S
13
250
12700
0.045
1360
1N2
1.2
K, S
13
250
12000
0.060
1300
1N8
1.8
J, K, S
13
250
11500
0.070
1040
1N9
1.9
J, K, S
16
250
11300
0.070
1040
2N0
2.0
J, K, S
16
250
11100
0.070
1040
2N2
2.2
J, K, S
18
250
10800
0.070
960
2N4
2.4
J, K, S
18
250
10500
0.070
960
2N7
2.7
K, S
13
250
10400
0.120
640
3N0
3.0
J, K, S
20
250
7000
0.066
840
3N3
3.3
G, J, K, S
20
250
7000
0.066
840
3N6
3.6
G, J, K, S
20
250
6800
0.066
840
3N9
3.9
G, J, K, S
20
250
6000
0.066
840
4N3
4.3
G, J, K, S
20
250
6000
0.091
700
4N7
4.7
G, J, K, S
20
250
4775
0.083
800
5N1
5.1
G, J, K, S
23
250
5800
0.083
800
5N6
5.6
G, J, K, S
23
250
5800
0.083
760
6N2
6.2
G, J, K, S
23
250
5800
0.083
760
6N8
6.8
G, J, K
20
250
5800
0.083
680
7N3
7.3
G, J, K
25
250
6000
0.130
570
7N5
7.5
G, J, K
25
250
5800
0.100
680
8N2
8.2
G, J, K
25
250
4400
0.100
680
8N7
8.7
G, J, K
25
250
4200
0.100
680
9N0
9.0
G, J, K
25
250
4160
0.100
680
9N5
9.5
G, J, K
21
250
4000
0.162
600
10N
10
G, J, K
21
250
3900
0.200
480
11N
11
G, J, K
26
250
3680
0.120
640
12N
12
G, J, K
26
250
3600
0.120
640
13N
13
G, J, K
26
250
3450
0.185
440
15N
15
G, J, K
26
250
3280
0.170
560
16N
16
G, J, K
26
250
3100
0.220
560
18N
18
G, J, K
26
250
3100
0.230
480
19N
19
G, J, K
26
250
3040
0.200
480
20N
20
G, J, K
26
250
3000
0.250
420
22N
22
G, J, K
26
250
2800
0.250
400


Similar Part No. - AISC-402-R12S-T

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AISC-0402 ABRACON-AISC-0402 Datasheet
98Kb / 1P
SURFACE-MOUNT CERAMIC WIRE-WOUND CHIP INDUCTORS
AISC-0402F ABRACON-AISC-0402F Datasheet
1Mb / 3P
FERRITE WIRE WOUND INDUCTORS
09.29.14
AISC-0402F-18N ABRACON-AISC-0402F-18N Datasheet
1Mb / 3P
FERRITE WIRE WOUND INDUCTORS
09.29.14
AISC-0402F-33N ABRACON-AISC-0402F-33N Datasheet
1Mb / 3P
FERRITE WIRE WOUND INDUCTORS
09.29.14
AISC-0402F-48N ABRACON-AISC-0402F-48N Datasheet
1Mb / 3P
FERRITE WIRE WOUND INDUCTORS
09.29.14
More results

Similar Description - AISC-402-R12S-T

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
1008C FRONTIER-1008C Datasheet
82Kb / 3P
SMD Wire Wound Ceramic Chip Inductors
0805C-2N2M FRONTIER-0805C-2N2M Datasheet
84Kb / 3P
SMD Wire Wound Ceramic Chip Inductors
1210C-4N7K FRONTIER-1210C-4N7K Datasheet
102Kb / 3P
SMD Wire Wound Ceramic Chip Inductors
logo
Abracon Corporation
AISC-0603-R33J ABRACON-AISC-0603-R33J Datasheet
2Mb / 4P
CERAMIC WIRE WOUND INDUCTORS
09.16.13
logo
Frontier Electronics.
0603C FRONTIER-0603C_15 Datasheet
215Kb / 3P
SMD WIRE WOUND CERAMIC CHIP INDUCTORS
0603CP FRONTIER-0603CP Datasheet
242Kb / 3P
SMD WIRE WOUND CERAMIC CHIP INDUCTORS
0402CP-1N0J FRONTIER-0402CP-1N0J Datasheet
197Kb / 3P
SMD WIRE WOUND CERAMIC CHIP INDUCTORS
1008CP-10NJ FRONTIER-1008CP-10NJ Datasheet
229Kb / 3P
SMD WIRE WOUND CERAMIC CHIP INDUCTORS
logo
Abracon Corporation
AISC-1206 ABRACON-AISC-1206 Datasheet
1Mb / 4P
Ceramic Wire Wound Inductors
10.11.13
AISC-1210-XXX ABRACON-AISC-1210-XXX Datasheet
2Mb / 4P
SMD CERAMIC WIRE-WOUND INDUCTORS
12.28.12
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com