Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR3082MPBF Datasheet(PDF) 24 Page - International Rectifier

Part # IR3082MPBF
Description  XPHASETM AMD OPTERONTM/ATHLON 64TM CONTROL IC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3082MPBF Datasheet(HTML) 24 Page - International Rectifier

Back Button IR3082MPBF Datasheet HTML 20Page - International Rectifier IR3082MPBF Datasheet HTML 21Page - International Rectifier IR3082MPBF Datasheet HTML 22Page - International Rectifier IR3082MPBF Datasheet HTML 23Page - International Rectifier IR3082MPBF Datasheet HTML 24Page - International Rectifier IR3082MPBF Datasheet HTML 25Page - International Rectifier IR3082MPBF Datasheet HTML 26Page - International Rectifier IR3082MPBF Datasheet HTML 27Page - International Rectifier IR3082MPBF Datasheet HTML 28Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 33 page
background image
IR3082P
bF
Page 24 of 33
01/31/05
Type II Compensation
Determine the compensation at no load, the worst case condition. Choose the crossover frequency fc between 1/10
and 1/5 of the switching frequency per phase. Assume the time constant of the resistor and capacitor across the
output inductors matches that of the inductor, RCP and CCP can be determined by equations (27) and (28).
o
CE
E
C
PWMRMP
FB
E
E
C
CP
V
R
C
f
V
R
C
L
f
R
⋅
⋅
⋅
⋅
+
⋅
⋅
⋅
⋅
⋅
=
2
2
)
2
(
1
)
2
(
π
π
(27)
CP
E
E
CP
R
C
L
C
⋅
⋅
=
10
(28)
where LE and RCE are the equivalent output inductance and ESR of output capacitors respectively. CCP1 is optional
and may be needed in some applications to reduce the jitter caused by the high frequency noise. A ceramic
capacitor between 10pF and 220pF is usually enough.
Type III Compensation
Determine the compensation at no load, the worst case condition. Choose the crossover frequency fc between 1/10
and 1/5 of the switching frequency per phase. Assume the time constant of the resistor and capacitor across the
output inductors matches that of the inductor, RCP and CCP can be determined by equations (29) and (30), where CE
is equivalent output capacitance.
o
PWMRMP
E
E
C
CP
V
V
C
L
f
R
⋅
⋅
⋅
⋅
=
2
)
2
(
π
(29)
CP
E
E
CP
R
C
L
C
⋅
⋅
=
10
(30)
Choose resistor RFB1 according to Equation (31), and determine CFB from Equations (32).
FB
FB
R
R
2
1
1 =
to
FB
FB
R
R
3
2
1 =
(31)
1
1
4
1
FB
C
FB
R
f
C
⋅
⋅
=
π
(32)
CCP1 is optional and may be needed in some applications to reduce the jitter caused by the high frequency noise. A
ceramic capacitor between 10pF and 220pF is usually enough.
CURRENT SHARE LOOP COMPENSATION
The crossover frequency of the current share loop should be at least one decade lower than that of the voltage loop
in order to eliminate the interaction between the two loops. A capacitor from SCOMP to LGND is usually enough for
most of the applications. Choose the crossover frequency of current share loop (fCI) based on the crossover
frequency of voltage loop (fC), and determine the CSCOMP,
6
_
10
05
.
1
2
)]
(
2
1
[
65
.
0
⋅
⋅
⋅
⋅
⋅
⋅
⋅
⋅
+
⋅
⋅
⋅
⋅
⋅
⋅
=
CI
O
MI
O
O
E
CI
LE
ROOM
CS
O
I
PWMRMP
SCOMP
f
V
F
I
V
C
f
R
G
I
V
R
C
π
π
(33)
Where FMI is the PWM gain in the current share loop,
)
(
)
(
DAC
I
DAC
PWMRMP
O
PWMRMP
SW
PWMRMP
PWMRMP
SCOMP
V
V
V
V
V
V
f
C
R
C
−
⋅
−
−
⋅
⋅
⋅
=
(34)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com