Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC810M021FN8 Datasheet(PDF) 39 Page - NXP Semiconductors

Part # LPC810M021FN8
Description  32-bit ARM Cortex-M0 microcontroller; up to 16 kB flash and 4 kB SRAM
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC810M021FN8 Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button LPC810M021FN8 Datasheet HTML 35Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 36Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 37Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 38Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 39Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 40Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 41Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 42Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 76 page
background image
LPC81XM
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 4.3 — 22 April 2014
39 of 76
NXP Semiconductors
LPC81xM
32-bit ARM Cortex-M0+ microcontroller
Conditions: VDD = 3.3 V; sleep mode entered from flash; all peripherals disabled in the
SYSAHBCLKCTRL register (SYSAHBCLKCTRL = 0x1F); all peripheral clocks disabled; internal
pull-up resistors disabled; BOD disabled; low-current mode.
1 MHz - 6 MHz: IRC enabled; PLL disabled.
12 MHz: IRC enabled; PLL disabled.
24 MHz: IRC enabled; PLL enabled.
30 MHz: IRC disabled; SYSOSC enabled; PLL enabled.
Fig 16. Sleep mode: Typical supply current IDD versus temperature for different system
clock frequencies
Conditions: BOD disabled; all oscillators and analog blocks disabled in the PDSLEEPCFG register
(PDSLEEPCFG = 0x0000 18FF).
Fig 17. Deep-sleep mode: Typical supply current IDD versus temperature for different
supply voltages VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com