Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC810M021FN8 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # LPC810M021FN8
Description  32-bit ARM Cortex-M0 microcontroller; up to 16 kB flash and 4 kB SRAM
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC810M021FN8 Datasheet(HTML) 4 Page - NXP Semiconductors

  LPC810M021FN8 Datasheet HTML 1Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 2Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 3Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 4Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 5Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 6Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 7Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 8Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 76 page
background image
LPC81XM
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 4.3 — 22 April 2014
4 of 76
NXP Semiconductors
LPC81xM
32-bit ARM Cortex-M0+ microcontroller
5.
Marking
The LPC81xM devices typically have the following top-side marking:
LPC81x
xxxxx
xxxxxxxx
xxYWWxR[x]
The last two letters in the last line (field ‘xR’) identify the boot code version and device
revision.
Field ‘Y’ states the year the device was manufactured. Field ‘WW’ states the week the
device was manufactured during that year.
Remark: On the TSSOP16 package, the last line includes only the date code xxYWW.
Table 3.
Device revision table
Revision identifier (xR)
Revision description
‘1A’
Initial device revision with boot code version 13.1
‘2A’
Device revision with boot code version 13.2
’4C’
Device revision with boot code version 13.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com