Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICUSBAUDIO2D Datasheet(PDF) 1 Page - StarTech.com Ltd.

Part # ICUSBAUDIO2D
Description  USB Stereo Audio Adapter External Sound Card with SPDIF Digital Audio
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

ICUSBAUDIO2D Datasheet(HTML) 1 Page - StarTech.com Ltd.

  ICUSBAUDIO2D Datasheet HTML 1Page - StarTech.com Ltd. ICUSBAUDIO2D Datasheet HTML 2Page - StarTech.com Ltd. ICUSBAUDIO2D Datasheet HTML 3Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
USB Stereo Audio Adapter External Sound Card with SPDIF Digital Audio
StarTech ID: ICUSBAUDIO2D
The ICUSBAUDIO2D External USB Sound Card lets you add an S/PDIF digital audio output and standard 3.5mm
analog audio/microphone connections to your system through USB - a convenient way to bypass or replace an
internal sound card without having to open the computer case.
For home-theater quality sound, the USB DAC (digital-to-analog converter) offers 96KHz / 24-bit sampling rates for
both playback and recording, and a 3.5mm S/PDIF port with support for Dolby® Digital 5.1 surround sound (AC3)
and DTS® pass-through (Note: 5.1 surround sound is supported in Windows® only).
This versatile USB audio adapter features an integrated 3.5mm 4-position TRRS connection for your headphones
or combination headset/microphone. Also a convenient external volume control for quick adjustments, a hardware
EQ switch for Bass or Treble boosting, and an LED status bar to display the current sampling rate.
Backed by a StarTech.com 2-year warranty and free lifetime technical support.
Applications
Connect your computer to a home theater audio receiver through S/PDIF, without opening the case
Add digital audio support to an Ultrabook™ or small form factor system with no internal expansion options
Replace or upgrade the integrated audio on a laptop or portable computer
Features
96KHz / 24-bit Hi-Fi USB Audio
S/PDIF digital output with AC3 (Dolby Digital) and DTS pass-through support
5.1 Surround Sound supported (Windows® only)
3.5mm headphone/microphone ports
4 position TRRS headset with Mic supported
Hardware volume knob and Bass/Treble boost EQ switch
LED sample rate indicators
16in attached USB cable


Similar Part No. - ICUSBAUDIO2D

ManufacturerPart #DatasheetDescription
logo
StarTech.com Ltd.
ICUSBAUDIO7D STARTECH-ICUSBAUDIO7D Datasheet
150Kb / 4P
7.1 USB Audio Adapter External Sound Card with SPDIF Digital Audio
ICUSBAUDIOB STARTECH-ICUSBAUDIOB Datasheet
127Kb / 3P
USB Stereo Audio Adapter External Sound Card
More results

Similar Description - ICUSBAUDIO2D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS3001C TI-TAS3001C Datasheet
166Kb / 37P
Stereo Audio Digital Equalizer
logo
NXP Semiconductors
UDA1355H PHILIPS-UDA1355H Datasheet
315Kb / 76P
Stereo audio codec with SPDIF interface
2003 Apr 10
logo
Elite Semiconductor Mem...
AD82551A ESMT-AD82551A Datasheet
187Kb / 3P
Stereo Digital Audio Amplifier with Headphone Driver
logo
Sanyo Semicon Device
LC89075W-H SANYO-LC89075W-H Datasheet
422Kb / 69P
Digital Audio Interface Receiver with Stereo ADC and Audio Selector
logo
C-Media Electronics
CM6500B CMEDIA-CM6500B Datasheet
1Mb / 36P
USB Audio Sound Chip
CM6502B CMEDIA-CM6502B Datasheet
670Kb / 40P
USB Audio Sound Chip
CM6510B CMEDIA-CM6510B Datasheet
1Mb / 42P
USB Audio Sound Chip
CM6523B CMEDIA-CM6523B Datasheet
1,006Kb / 54P
USB Audio Sound Chip
logo
Tripp Lite. All Rights ...
U437-002 TRIPPLITE-U437-002 Datasheet
162Kb / 3P
USB-C to 3.5 mm Stereo Audio Adapter - USB 2.0, Silver
logo
C-Media Electronics
CM6500 CMEDIA-CM6500 Datasheet
1Mb / 36P
USB Audio Sound Chip
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com