Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICUSBAUDIO2D Datasheet(PDF) 2 Page - StarTech.com Ltd.

Part # ICUSBAUDIO2D
Description  USB Stereo Audio Adapter External Sound Card with SPDIF Digital Audio
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

ICUSBAUDIO2D Datasheet(HTML) 2 Page - StarTech.com Ltd.

  ICUSBAUDIO2D Datasheet HTML 1Page - StarTech.com Ltd. ICUSBAUDIO2D Datasheet HTML 2Page - StarTech.com Ltd. ICUSBAUDIO2D Datasheet HTML 3Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Technical Specifications
Warranty
2 Years
Bus Type
USB 2.0
Chipset ID
VIA - VT1630A
Connector Type(s)
1 - 3.5 mm Mini-Jack (3 Position) Female
Connector Type(s)
1 - 3.5 mm Mini-Jack (4 Position) Female
Connector Type(s)
1 - 3.5mm Mini-Toslink (SPDIF; Optical) Female
Connector Type(s)
1 - USB A (4 pin) Male
Audio Specifications
96 KHz / 24-bit Sample Rate
Approx 91dB SNR (A-weighting)
16-100ohm Headphone Drive Ability
OS Compatibility
Windows® 8 (32/64bit), 7 (32/64), Vista(32/64), XP(32/64)
Windows® Server 2008 R2, 2003(32/64)
Mac OS 10.x (Tested up to 10.8)
Linux
Cable Length
406.5 mm [16 in]
Color
Black
Enclosure Type
Plastic
Product Height
16 mm [0.6 in]
Product Length
47 mm [1.9 in]
Product Weight
40 g [1.4 oz]
Product Width
46 mm [1.8 in]
LED Indicators
1 - Power
LED Indicators
3 - Playback / Recording sample rate
Power Adapter Included
USB-Powered
Humidity
10~90% RH (Non-Condensing)
Operating Temperature
0°C to 60°C (32°F to 140°F)
Storage Temperature
0°C to 70°C (32°F to 158°F)
Note
5.1 surround sound output is supported in Windows only
System and Cable Requirements Available USB Port
Shipping (Package) Weight
119 g [4.2 oz]
Included in Package
1 - USB Stereo Audio Adapter
Included in Package
1 - Software CD
Included in Package
1 - Instruction Manual



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com