Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICUSBAUDIO7D Datasheet(PDF) 3 Page - StarTech.com Ltd.

Part # ICUSBAUDIO7D
Description  7.1 USB Audio Adapter External Sound Card with SPDIF Digital Audio
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

ICUSBAUDIO7D Datasheet(HTML) 3 Page - StarTech.com Ltd.

  ICUSBAUDIO7D Datasheet HTML 1Page - StarTech.com Ltd. ICUSBAUDIO7D Datasheet HTML 2Page - StarTech.com Ltd. ICUSBAUDIO7D Datasheet HTML 3Page - StarTech.com Ltd. ICUSBAUDIO7D Datasheet HTML 4Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Technical Specifications
Warranty
2 Years
Chipset ID
C-Media - CM6206
Connector Type(s)
1 - USB B (4 pin) Female
External Ports
2 - Toslink (SPDIF; Optical) Female
External Ports
8 - 3.5 mm Mini-Jack (3 Position) Female
Audio Specifications 8 16-bit DAC Channels (7.1 Surround Sound)
Supports 44.1 and 48 KHz sampling rates for both playback and recording
3.5mm output connectors for Front, Surround, Rear, Centre/bass
OS Compatibility
Windows 2000/ XP(32/64-bit)/ Server 2003(32/64-bit)/ Server 2008 R2/ Vista(32/64-bit)/
7(32/64-bit)/ 8(32/64-bit)
Mac OS X (tested up to 10.8)
Linux
Color
Silver
Product Length
100 mm [3.9 in]
Product Width
60 mm [2.4 in]
Product Height
25 mm [1 in]
Product Weight
100 g [3.5 oz]
LED Indicators
1 - Microphone Mute
LED Indicators
1 - Power/Activity
Operating
Temperature
0°C to 55°C (32°F to 131°F)
Storage Temperature 0°C to 70°C (32°F to 158°F)
Humidity
20 to 80% NC RH
Note
Optical S/PDIF output is not available in Mac OS.
Shipping (Package)
Weight
0.2 kg [0.5 lb]
Included in Package 1 - USB to Audio Adapter
Included in Package 1 - USB Cable
Included in Package 1 - Installation CD
Included in Package 1 - Instruction Manual
uk.startech.com
0800 169 0408



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com