Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICUSBAUDIO7D Datasheet(PDF) 2 Page - StarTech.com Ltd.

Part # ICUSBAUDIO7D
Description  7.1 USB Audio Adapter External Sound Card with SPDIF Digital Audio
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

ICUSBAUDIO7D Datasheet(HTML) 2 Page - StarTech.com Ltd.

  ICUSBAUDIO7D Datasheet HTML 1Page - StarTech.com Ltd. ICUSBAUDIO7D Datasheet HTML 2Page - StarTech.com Ltd. ICUSBAUDIO7D Datasheet HTML 3Page - StarTech.com Ltd. ICUSBAUDIO7D Datasheet HTML 4Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Features
Full 7.1 audio outputs via 3.5mm mini-jacks
Optical S/PDIF input (pass through) and output
Dual microphone input
Built-in volume control buttons
Full-duplex recording and playback
Supports 48/44.1 KHz sample rate for recording and playback
High Speed USB 2.0 compliant host interface, with transfer rates up to 480 Mbps
uk.startech.com
0800 169 0408



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com