Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICUSBAUDIOB Datasheet(PDF) 1 Page - StarTech.com Ltd.

Part # ICUSBAUDIOB
Description  USB Stereo Audio Adapter External Sound Card
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

ICUSBAUDIOB Datasheet(HTML) 1 Page - StarTech.com Ltd.

  ICUSBAUDIOB Datasheet HTML 1Page - StarTech.com Ltd. ICUSBAUDIOB Datasheet HTML 2Page - StarTech.com Ltd. ICUSBAUDIOB Datasheet HTML 3Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
USB Stereo Audio Adapter External Sound Card
StarTech ID: ICUSBAUDIOB
This USB Audio adapter converts a USB port to an audio port, allowing you to add headsets and microphones to
your computer without the need to unplug other devices!
Compliant with USB 2.0 and USB audio device specification 1.0, the USB audio adapter couldn't be any simpler to
install...it's as easy as connecting the adapter to an available USB 2.0 port, then connecting your audio devices to
the provided 3.5 mm audio ports as needed.
Compatible with Windows 98SE and up, as well as Mac OS 9.x and later, the adapter integrates into any computer
environment, providing superb sound quality and convenience that can't be matched.
Applications
Add audio support to any USB capable computer system
Replace a failed onboard audio port for desktops or laptops
Connect 3.5mm mini-jack headset to a Playstation 3 console
Features
3.5mm mini-jack connectors for headphone and MIC
Headphone and microphone support on PlayStation 3
Compact, palm sized form factor
Compliant with USB audio device class specification 1.0
Plug-and-Play compliant
uk.startech.com
0800 169 0408


Similar Part No. - ICUSBAUDIOB

ManufacturerPart #DatasheetDescription
logo
StarTech.com Ltd.
ICUSBAUDIO2D STARTECH-ICUSBAUDIO2D Datasheet
108Kb / 3P
USB Stereo Audio Adapter External Sound Card with SPDIF Digital Audio
ICUSBAUDIO7D STARTECH-ICUSBAUDIO7D Datasheet
150Kb / 4P
7.1 USB Audio Adapter External Sound Card with SPDIF Digital Audio
More results

Similar Description - ICUSBAUDIOB

ManufacturerPart #DatasheetDescription
logo
NEC
UPD63310 NEC-UPD63310 Datasheet
136Kb / 28P
STEREO SOUND CODEC
logo
C-Media Electronics
CM103+ CMEDIA-CM103+ Datasheet
285Kb / 25P
16-Bit Stereo USB Audio Controller
NITROGEND2 CMEDIA-NITROGEND2 Datasheet
551Kb / 28P
16-Bit Stereo USB Audio Controller
logo
Tripp Lite. All Rights ...
U237-001 TRIPPLITE-U237-001 Datasheet
522Kb / 2P
Virtual 7.1-Channel USB External Sound Card
logo
C-Media Electronics
CM6500B CMEDIA-CM6500B Datasheet
1Mb / 36P
USB Audio Sound Chip
CM6502B CMEDIA-CM6502B Datasheet
670Kb / 40P
USB Audio Sound Chip
CM6510B CMEDIA-CM6510B Datasheet
1Mb / 42P
USB Audio Sound Chip
CM6523B CMEDIA-CM6523B Datasheet
1,006Kb / 54P
USB Audio Sound Chip
logo
Tripp Lite. All Rights ...
U437-002 TRIPPLITE-U437-002 Datasheet
162Kb / 3P
USB-C to 3.5 mm Stereo Audio Adapter - USB 2.0, Silver
logo
C-Media Electronics
CM6500 CMEDIA-CM6500 Datasheet
1Mb / 36P
USB Audio Sound Chip
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com