Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICUSBAUDIOB Datasheet(PDF) 2 Page - StarTech.com Ltd.

Part # ICUSBAUDIOB
Description  USB Stereo Audio Adapter External Sound Card
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

ICUSBAUDIOB Datasheet(HTML) 2 Page - StarTech.com Ltd.

  ICUSBAUDIOB Datasheet HTML 1Page - StarTech.com Ltd. ICUSBAUDIOB Datasheet HTML 2Page - StarTech.com Ltd. ICUSBAUDIOB Datasheet HTML 3Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Technical Specifications
Warranty
2 Years
Chipset ID
C-Media - CM108AH
Connector Type(s)
1 - USB A (4 pin) Male
Connector Type(s)
2 - 3.5 mm Mini-Jack (3 Position) Female
OS Compatibility
Windows 2000/ XP(32/64-bit)/ Vista(32/64-bit)/ 7(32/64-bit)/ 8 (32/64-bit)
Mac OS X (tested up to 10.8)
Linux
Color
Black
Enclosure Type
Plastic
Product Length
80 mm [3.1 in]
Product Width
40 mm [1.6 in]
Product Height
15 mm [0.6 in]
Product Weight
53.5 g [1.9 oz]
Shipping (Package) Weight 0.1 kg [0.3 lb]
Included in Package
1 - USB to Audio Adapter
Included in Package
1 - Instruction Manual
uk.startech.com
0800 169 0408



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com