Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC25. Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # BC25.
Description  45 BEECHWOOD DRIVE NORTH ANDOVER, MA 01845
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

BC25. Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  BC25. Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
6.0 [152.4] MIN
2X .25
1.5 39.3
2X EXPOSED
TINNED
CONDUCTOR
2X, 22 AWG WITH TINNED ENDS
BLACK THERMO-PLASTIC
STRAIN RELIEF
BNC PLUG
75 OHMS
NOTES:
CABLE ASSEMBLY SHALL BE TESTED FOR CONTINUITY
CABLE ASSEMBLY SHALL BE INDIVIDUALLY PACKAGED IN POLYBAG
A
B
C
D
45 BEECHWOOD DRIVE
NORTH ANDOVER, MA
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
BC25
C
BC25.SLDDRW
1
1
D.PARHAM
06/16/2004
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
R.CARRICK
06/16/2004
06/16/04
A
B
INITIAL RELEASE
ECN 3177: UPDATE DWG FORMAT
1/29/08
MCCORMICK
D.GRIFFIN
C
ECN 3591: NOTE BNC PLUG AS 75 OHMS, NEW FORMAT
9/22/08
D.FRISIELLO
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
FSCM NO.
43321
BNC PLUG CABLE ADAPTER
COAXIAL
PROJECTION
UNLESS OTHERWISE SPECIFIED,
REF
C.MCCORMICK
COLOR VARIATIONS
MAY OCCUR
06/16/2004
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = .3
.XX = .15


Similar Part No. - BC25.

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BC250 ETC-BC250 Datasheet
75Kb / 1P
Low Level and General Purpose Amplifiers
logo
Motorola, Inc
BC251 MOTOROLA-BC251 Datasheet
161Kb / 5P
AMPLIFIER TRANSISTORS PNP SILICON
logo
List of Unclassifed Man...
BC251 ETC-BC251 Datasheet
75Kb / 1P
Low Level and General Purpose Amplifiers
logo
Motorola, Inc
BC251A MOTOROLA-BC251A Datasheet
161Kb / 5P
AMPLIFIER TRANSISTORS PNP SILICON
BC251B MOTOROLA-BC251B Datasheet
161Kb / 5P
AMPLIFIER TRANSISTORS PNP SILICON
More results

Similar Description - BC25.

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SPT165 SSDI-SPT165 Datasheet
44Kb / 2P
10 mA 45 VOLTS NPN (VREF) TRANSISTOR
logo
NXP Semiconductors
2PB709ASL NXP-2PB709ASL Datasheet
56Kb / 9P
45 V, 100 mA PNP general-purpose transistors
Rev. 01-12 November 2008
BC847 NXP-BC847 Datasheet
96Kb / 15P
45 V, 100 mA NPN general-purpose transistors
Rev. 07-10 December 2008
logo
Vectron International, ...
VCD2-103 VECTRON-VCD2-103 Datasheet
110Kb / 1P
620 North Lindenwood Drive
logo
NXP Semiconductors
BC847BW115 NXP-BC847BW115 Datasheet
104Kb / 15P
45 V, 100 mA NPN general-purpose transistors
Rev. 07-10 December 2008
BC847XMB NXP-BC847XMB Datasheet
349Kb / 14P
45 V, 100 mA NPN general-purpose transistors
Rev. 1-5 March 2012
logo
Nexperia B.V. All right...
BC807K NEXPERIA-BC807K Datasheet
349Kb / 24P
45 V, 500 mA PNP general-purpose transistors
2PB709ARL NEXPERIA-2PB709ARL Datasheet
614Kb / 9P
45 V, 100 mA PNP general-purpose transistors
Rev. 01 - 12 November 2008
BC807QC_SER NEXPERIA-BC807QC_SER Datasheet
320Kb / 14P
45 V, 500 mA PNP general-purpose transistors
Rev. 1 - 4 January 2021
BC807W_SER NEXPERIA-BC807W_SER Datasheet
316Kb / 13P
45 V, 500 mA PNP general-purpose transistors
Rev. 8 - 1 July 2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com