Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A0214X Datasheet(PDF) 10 Page - APEM

Part # A0214X
Description  ACTUATOR, SWITCH, SQUARE, LATCH RoHS : Compliant
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEM [APEM]
Direct Link  www.apem.com
Logo APEM - APEM

A0214X Datasheet(HTML) 10 Page - APEM

Back Button A0214X Datasheet HTML 2Page - APEM A0214X Datasheet HTML 3Page - APEM A0214X Datasheet HTML 4Page - APEM A0214X Datasheet HTML 5Page - APEM A0214X Datasheet HTML 6Page - APEM A0214X Datasheet HTML 7Page - APEM A0214X Datasheet HTML 8Page - APEM A0214X Datasheet HTML 9Page - APEM A0214X Datasheet HTML 10Page - APEM  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
APEM
www.apem.com
G-25
G
A03 series
Illuminated or non-illuminated pushbutton switches and indicators
Panel cut-out Ø 22 (.866) or 30 (1.181) - Plastic or metal flush mounting bezel
A pushbutton assembly requires
:
screen + lamp (if illuminated) + operator + switch block.
To order these elements, select desired model numbers from tables below.
Example
: IP65 flush mounting round pushbutton, maintained function, red screen, 12V red LED
and single pole switch block = A0314X, A0263B, A0142M1 and A0151BUL.
3
1
2
Ø29.00
(1.143 DIA)
7.65
(.301)
18.00
(.709)
0.50
Ø35.00
(1.379 DIA)
Screen
Lamp
Operator
Switch block
❶
❷
❸❹
Bezel
Colour
Part No
black
A0263A
red
A0263B
amber
A0263C
yellow
A0263D
green
A0263E
blue
A0263F
clear
A0263G
white
A0263J
Lamp
Voltage
Part No
Filament
6.3V
A0141A
Filament
14V
A0141B
Filament
28V
A0141C
Filament
36V
A0141D
Filament
48V
A0141E
Filament
60V
A0141F
Neon
110V
A0143G
Neon
220V
A0143H
LED
6V red
A0142L1
LED
6V green
A0142L2
LED
6V amber
A0142L3
LED
12V red
A0142M1
LED
12V green
A0142M2
LED
12V amber
A0142M3
LED
12V blue
A0142M4
LED
12V white
A0142M5
LED
24V red
A0142N1
LED
24V green
A0142N2
LED
24V amber
A0142N3
LED
24V blue
A0142N4
LED
24V white
A0142N5
LED
48V red
A0142P1
LED
48V green
A0142P2
LED
48V amber
A0142P3
No of poles
Part No
Single pole
A0151BUL
Double pole
A0152BUL
Three pole
A0155BUL
Four pole
A0153BUL
Bezel Description
Lamp type
Part No
Plastic illum, momentary
Lamp/LED bulb
A0307Y
Plastic illum, maintained
Lamp/LED bulb
A0307X
Plastic non-illum, momentary
A0309Y
Plastic non-illum, maintained
A0309X
Metal illum, momentary
Lamp/LED bulb
A0310Y
Metal illum, maintained
Lamp/LED bulb
A0310X
Metal non-illum, momentary
A0312Y
Metal non-illum, maintained
A0312X
F/mount illum, momentary
Lamp/LED bulb
A0314Y
F/mount illum, maintained
Lamp/LED bulb
A0314X
F/mount non-illum, momentary
A0315Y
F/mount non-illum, maintained
A0315X
Plastic indicator
A0375
Metal indicator
A0377
F/mount indicator
A03791
UNSEALED SWITCHES (IP40)
:
add “01” to end of operator model number.
SCREEN ENGRAVING / INSERTABLE LEGENDS : contact APEM.
Bezel:
round.
‘Illum’ - illuminated,
‘Non-illum’ - non illuminated



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com