Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A0214X Datasheet(PDF) 7 Page - APEM

Part # A0214X
Description  ACTUATOR, SWITCH, SQUARE, LATCH RoHS : Compliant
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEM [APEM]
Direct Link  www.apem.com
Logo APEM - APEM

A0214X Datasheet(HTML) 7 Page - APEM

Back Button A0214X Datasheet HTML 2Page - APEM A0214X Datasheet HTML 3Page - APEM A0214X Datasheet HTML 4Page - APEM A0214X Datasheet HTML 5Page - APEM A0214X Datasheet HTML 6Page - APEM A0214X Datasheet HTML 7Page - APEM A0214X Datasheet HTML 8Page - APEM A0214X Datasheet HTML 9Page - APEM A0214X Datasheet HTML 10Page - APEM  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
G-22
APEM
www.apem.com
A02 series
Emergency stop switches
Panel cut-out Ø 22 (.866)
G
(.827)
(1.142)
29.00
21.00
Ø40.00
(1.575 DIA)
• Prominent 40 mm (1.575) dia. red mushroom actuator
• Highly reliable positive break switch
• Push to shut off switch, twist to reset to ON
• Approved to UL 1054 / EN 60947-5-5
An emergency stop switch assembly requires
: operator + switch block.
To order, specify with single pole or double pole positive break switch block.
N.C.
Operator
Switch block
❶
❷
General specifications
• Mechanical life : 6.050 cycles (6 cycles per minute)
• Operating force : 20 N
• Operating temperature : -20°C to +85°C
• Degree of environ. protection (IEC529) : IP65 front of panel,
IP40 back of panel
• Switch terminals : M3 screws - wire 2x0.75mm2 max.
Electrical specifications
• Current/voltage rating :
2,5A 380VAC AC-15
• Contact gap : > 3 mm (.118)
• Dielectric strength : 2.500V
• Electrical life : 6.050 cycles
Accessory
90 mm Ø Self
Adhesive Label
Description
Part No
Yellow label with text
A02YL1
Yellow label
A02YL2
EMERGENCY STOP SWITCH ENCLOSURE
To order the Emergency Stop Switch in the Plastic Enclosure
(94 x 94 x 81 mm) with a 2 pole Positive Break Switch Block and Emergency
Stop label, use Part number : A02PE2L.
Bezel
Description
Part No
Emergency stop
A02ES
No of poles
Part No
Double pole
A02511
Single pole
A02512



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com