Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLY2 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # BLY2
Description  High-precision female headers soldering technique
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BLY2 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  BLY2 Datasheet HTML 1Page - List of Unclassifed Manufacturers BLY2 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
High-precision female headers soldering technique /
BLY 2
square 0.5 mm
Parameters of article BLY 2
version
standard
no. of contacts
2 - 100
angle
straight
number of rows
2
connection type
soldering
grid
2
plug-in cross-section square 0.5 / Ø 0.5
direction
standing


Similar Part No. - BLY2

ManufacturerPart #DatasheetDescription
logo
Seme LAB
BLY11 SEME-LAB-BLY11 Datasheet
15Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO3
BLY49 SEME-LAB-BLY49 Datasheet
11Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO66 Metal Package
BLY50 SEME-LAB-BLY50 Datasheet
10Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO66 Metal Package
logo
NXP Semiconductors
BLY87 PHILIPS-BLY87 Datasheet
79Kb / 11P
VHF power transistor
August 1986
BLY87C PHILIPS-BLY87C Datasheet
79Kb / 11P
VHF power transistor
August 1986
More results

Similar Description - BLY2

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCIDCB7S04AG1 DUBILIER-DBCIDCB7S04AG1 Datasheet
144Kb / 1P
FEMALE HEADERS FEMALE HEADERS RIGHT ANGLE - 8.4mm PROFILE
DBCIDCB10S04AG1 DUBILIER-DBCIDCB10S04AG1 Datasheet
132Kb / 1P
FEMALE HEADERS FEMALE HEADERS STRAIGHT - 8.6mm PROFILE
DBCIDCB13S04BG1 DUBILIER-DBCIDCB13S04BG1 Datasheet
130Kb / 1P
FEMALE HEADERS FEMALE HEADERS - 4.5mm PROFILE
logo
List of Unclassifed Man...
R317072000 ETC2-R317072000 Datasheet
56Kb / 2P
NOTICE TECHNIQUE
R191970061 ETC2-R191970061 Datasheet
31Kb / 1P
FICHE TECHNIQUE
logo
PHOENIX CONTACT
1097546 PHOENIX-1097546 Datasheet
545Kb / 14P
PCB headers, Reflow/wave soldering
2020-01-09
1145402 PHOENIX-1145402 Datasheet
499Kb / 16P
PCB headers, Reflow/wave soldering
2020-02-11
1145419 PHOENIX-1145419 Datasheet
476Kb / 16P
PCB headers, Reflow/wave soldering
2020-02-11
1150791 PHOENIX-1150791 Datasheet
469Kb / 16P
PCB headers, Reflow/wave soldering
2020-02-11
1150824 PHOENIX-1150824 Datasheet
449Kb / 16P
PCB headers, Reflow/wave soldering
2020-02-11
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com