Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLY2 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # BLY2
Description  High-precision female headers soldering technique
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BLY2 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  BLY2 Datasheet HTML 1Page - List of Unclassifed Manufacturers BLY2 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0,4 mm ... Ø 0,56 mm
2,4 ... 3,8 mm
> 1012 Ohm
> 109 Ohm
Technical data PCB connectors
BLY
CuZn-alloy
Ni + 4 µm Sn
CuBe-alloy / Ni + 0,25 µm Au
≤ 10 mOhm
50 g
15 g
≤ 0,7 pF
2,5 A
100 V DC
500 V
thermoplastic polyester, GF
–40 °C … +105 °C
UL 94 V-0
> 1012 Ohm
0,45 … 55 mm to
0,5 … 0,65 mm
2,5 ... 3,8 mm
6-fingers:
1,27 N / 0,3 N
Contact material: shell
Contact surface
of the shell: gold/tin
Contact spring:
material/surface
Transistion resistance:
Shock resistance:
Vibration resistance max.:
Capacity between
two adjacent contacts:
Current rating:
Nominal voltage:
Test voltage:
Insulator: material
Temperature range:
Flammability class:
Insulation resistance:
Plugability for pins:
Insertion depth for pins:
Insertion/Extraction, type:



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com