Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATA6560 Datasheet(PDF) 2 Page - Microchip Technology

Part # ATA6560
Description  High-Speed CAN Transceiver with Standby Mode CAN FD Ready
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATA6560 Datasheet(HTML) 2 Page - Microchip Technology

  ATA6560 Datasheet HTML 1Page - Microchip Technology ATA6560 Datasheet HTML 2Page - Microchip Technology ATA6560 Datasheet HTML 3Page - Microchip Technology ATA6560 Datasheet HTML 4Page - Microchip Technology ATA6560 Datasheet HTML 5Page - Microchip Technology ATA6560 Datasheet HTML 6Page - Microchip Technology ATA6560 Datasheet HTML 7Page - Microchip Technology ATA6560 Datasheet HTML 8Page - Microchip Technology ATA6560 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
ATA6560/1
DS20005991A-page 2
 2018 Microchip Technology Inc.
ATA6560/1 FAMILY MEMBERS
Device
VIO Pin
NSIL Pin
VDFN8
SOIC8
AEC-Q100
Qualified
Description
ATA6560-GAQW
X
X
X
Standby mode and Silent mode
ATA6560-GBQW
X
X
X
Standby mode and Silent mode
ATA6561-GAQW
X
X
X
Standby mode, VIO - pin for
compatibility with 3.3V and 5V
microcontroller
ATA6561-GBQW
X
X
X
Standby mode, VIO - pin for
compatibility with 3.3V and 5V
microcontroller
ATA6560-GAQW-N
X
X
Standby mode and Silent mode
ATA6560-GBQW-N
X
X
Standby mode and Silent mode
ATA6561-GAQW-N
X
X
Standby mode, VIO - pin for
compatibility with 3.3V and 5V
microcontroller
ATA6561-GBQW-N
X
X
Standby mode, VIO - pin for
compatibility with 3.3V and 5V
microcontroller
Note:
For ordering information, see the Product Identification System section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com