Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATA6560 Datasheet(PDF) 13 Page - Microchip Technology

Part # ATA6560
Description  High-Speed CAN Transceiver with Standby Mode CAN FD Ready
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATA6560 Datasheet(HTML) 13 Page - Microchip Technology

Back Button ATA6560 Datasheet HTML 9Page - Microchip Technology ATA6560 Datasheet HTML 10Page - Microchip Technology ATA6560 Datasheet HTML 11Page - Microchip Technology ATA6560 Datasheet HTML 12Page - Microchip Technology ATA6560 Datasheet HTML 13Page - Microchip Technology ATA6560 Datasheet HTML 14Page - Microchip Technology ATA6560 Datasheet HTML 15Page - Microchip Technology ATA6560 Datasheet HTML 16Page - Microchip Technology ATA6560 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
 2018 Microchip Technology Inc.
DS20005991A-page 13
ATA6560/1
Propagation Delay from TXD
to RXD
tPD(TXD-RXD)
40
—
210
ns
Normal mode, Rising
edge at pin TXD
40
—
200
ns
Normal mode, Falling
edge at pin TXD
tPD(TXD-RXD)
—
—
300
ns
Normal mode, Rising
edge at pin TXD
RL = 120Ω,
CL = 200 pF (Note 3)
—
—
300
ns
Normal mode, Falling
edge at pin TXD
RL = 120Ω, CL = 200pF
(Note 3)
TXD Dominant Time-Out Time
tto(dom)TXD
0.8
—
3
ms
VTXD = 0V, Normal
mode
Bus Wake-Up Time-Out Time
tto_bus
0.8
—
3
ms
Standby mode
Minimum Dominant/Recessive
Bus Wake-Up Time
twake
0.75
3
5
µs
Standby mode
Delay Time for Standby Mode
to Normal Mode Transition
tdel(stby-norm)
—
—
47
µs
Falling edge at pin
STBY
NSIL = HIGH
Delay Time for Normal Mode to
Standby Mode Transition
tdel(norm-stby)
—
—
5
µs
Rising edge at pin
STBY
NSIL = HIGH (Note 3)
Delay Time for Normal Mode to
Silent Mode Transition
tdel(norm-sil)
—
—
10
µs
Falling edge at pin
NSIL
STBY = LOW (Note 3)
Delay Time for Silent Mode to
Normal Mode Transition
tdel(sil-norm)
—
—
10
µs
Rising edge at pin NSIL
STBY = LOW (Note 3)
Delay Time for Silent Mode to
Standby Mode Transition
tdel(sil-stby)
—
—
5
µs
Rising edge at pin
STBY
NSIL = LOW (Note 3)
Delay Time for Standby Mode
to Silent Mode Transition
tdel(stby-sil)
—
—
47
µs
Rising edge at pin
STBY
NSIL = LOW (Note 3)
Debouncing Time for Reces-
sive Clamping State Detection
tRC_det
—90—
ns
V(CANH-CANL) > 900 mV
RXD = HIGH (Note 3)
Transceiver Timing for higher Bit Rates, Pins CANH, CANL, TXD, and RXD, see Figure 2-1 and Figure 2-3
Recessive Bit Time on Pin
RXD
tBit(RXD)
400
—
550
ns
Normal mode,
tBit(TXD) = 500 ns
(Note 3)
120
—
220
ns
Normal mode,
tBit(TXD) = 200 ns
ATA6560/1 ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Specifications: TvJ = –40°C to +150°C; VVCC = 4.5V to 5.5V; VVIO = 2.8V to 5.5V; RL =60, CL = 100 pF,
unless otherwise; all voltages are defined in relation to ground; positive currents flow into the IC.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Note 1: This parameter is 100% correlation tested.
2: This parameter is ensured by characterization on samples.
3: This parameter is ensured by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com