Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2/09R1 Datasheet(PDF) 17 Page - Pentair Equipment Protection - Hoffman

Part # 2/09R1
Description  Non-Insulated Ring Terminals
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOFFMANPRODUCTS [Pentair Equipment Protection - Hoffman]
Direct Link  
Logo HOFFMANPRODUCTS - Pentair Equipment Protection - Hoffman

2/09R1 Datasheet(HTML) 17 Page - Pentair Equipment Protection - Hoffman

Back Button 2/09R1 Datasheet HTML 13Page - Pentair Equipment Protection - Hoffman 2/09R1 Datasheet HTML 14Page - Pentair Equipment Protection - Hoffman 2/09R1 Datasheet HTML 15Page - Pentair Equipment Protection - Hoffman 2/09R1 Datasheet HTML 16Page - Pentair Equipment Protection - Hoffman 2/09R1 Datasheet HTML 17Page - Pentair Equipment Protection - Hoffman 2/09R1 Datasheet HTML 18Page - Pentair Equipment Protection - Hoffman 2/09R1 Datasheet HTML 19Page - Pentair Equipment Protection - Hoffman 2/09R1 Datasheet HTML 20Page - Pentair Equipment Protection - Hoffman 2/09R1 Datasheet HTML 21Page - Pentair Equipment Protection - Hoffman Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
TOC
HOFFMAN PRODUCTS
hoffmanproducts.com • 1-800-645-2014
17
4 AWG Non-Insulated Flag Ring
Material: Tin Plated Copper with Brazed Seam
Insulation Material: None
Maximum Electrical Current: 125 Amps
Maximum Temperature Rating: 176°C
Barrel ID (d1): .303
J Type: .303
Material Thickness (T): .067, J Type .071
Barrel OD (E): .453
J Type: .453
DIMENSIONS (INCHES)
HOFFMAN
STUD
STUD
TONGUE
STUD
LENGTH
*PNEUMATIC
PART NO.
SIZE
DIAMETER
WIDTH
CLEARANCE
UL
TOOL
d2
W
F
L
FG45/J
10
0.209
0.551
0.378
1.102
Y
FG46
1/4
0.252
0.551
0.382
1.110
Y
YA5
FG46/J
1/4
0.252
0.551
0.378
1.102
Y
FG48
5/16
0.331
0.689
0.543
1.339
Y
FG48/J
5/16
0.331
0.689
0.543
1.339
Y
FG49
3/8
0.413
0.689
0.543
1.339
Y
2 AWG Non-Insulated Flag Ring
Material: Tin Plated Copper with Brazed Seam
Insulation Material: None
Maximum Electrical Current: 170 Amps
Maximum Temperature Rating: 176°C
Barrel ID (d1): .370
J Type: .370
Material Thickness (T): .071
Barrel OD (E): .524
J Type: .524
DIMENSIONS (INCHES)
HOFFMAN
STUD
STUD
TONGUE
STUD
LENGTH
*PNEUMATIC
PART NO.
SIZE
DIAMETER
WIDTH
CLEARANCE
UL
TOOL
d2
W
F
L
FG26
1/4
0.252
0.72
0.535
1.421
Y
FG26/J
1/4
0.252
0.717
0.535
1.417
Y
YA5
FG28
5/16
0.331
0.72
0.535
1.421
Y
FG28/J
5/16
0.331
0.717
0.535
1.417
Y
FG29
3/8
0.413
0.72
0.535
1.421
Y
FG29/J
3/8
0.413
0.717
0.535
1.417
Y
*Refer to Tool Selector Chart (page 92-93) for Tool Die Numbers.
B
T
L
F
E
d1
ød2
FLAG RING TERMINALS
BACK
BACK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com