Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2/09R1 Datasheet(PDF) 22 Page - Pentair Equipment Protection - Hoffman

Part # 2/09R1
Description  Non-Insulated Ring Terminals
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOFFMANPRODUCTS [Pentair Equipment Protection - Hoffman]
Direct Link  
Logo HOFFMANPRODUCTS - Pentair Equipment Protection - Hoffman

2/09R1 Datasheet(HTML) 22 Page - Pentair Equipment Protection - Hoffman

Back Button 2/09R1 Datasheet HTML 18Page - Pentair Equipment Protection - Hoffman 2/09R1 Datasheet HTML 19Page - Pentair Equipment Protection - Hoffman 2/09R1 Datasheet HTML 20Page - Pentair Equipment Protection - Hoffman 2/09R1 Datasheet HTML 21Page - Pentair Equipment Protection - Hoffman 2/09R1 Datasheet HTML 22Page - Pentair Equipment Protection - Hoffman 2/09R1 Datasheet HTML 23Page - Pentair Equipment Protection - Hoffman 2/09R1 Datasheet HTML 24Page - Pentair Equipment Protection - Hoffman 2/09R1 Datasheet HTML 25Page - Pentair Equipment Protection - Hoffman 2/09R1 Datasheet HTML 26Page - Pentair Equipment Protection - Hoffman Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
TOC
HOFFMAN PRODUCTS
hoffmanproducts.com • 1-800-645-2014
22
1614 AWG Vinyl Insulated Spade Terminals
Material: Tin Plated Copper with Butted Seam
Insulation Material: Blue Vinyl with Funnel Entry
Maximum Electrical Current: 30 Amps
Barrel ID (d1): .091
Maximum Electrical Rating: 75°C, 600V
Barrel OD (D): .177
Material Thickness (T): .031
Barrel Length (E): .453
DIMENSIONS (INCHES)
TAPE
DIE FOR
HOFFMAN
STUD
STUD
TONGUE
STUD
LENGTH
MOUNTED
TAPE
PART NO.
SIZE
DIAMETER
WIDTH
CLEARANCE
UL
REEL QTY
MOUNTED
HAND TOOL
d2
W
F
L
FVL1614YS3AR2
6
0.146
0.236
0.256
0.886
Y
1000
3V1614
YNM2210
FVL1614S3AR2
6
0.146
0.283
0.256
0.886
Y
1000
3V1614
YNM2210
FVL1614YS4AR2
8
0.169
0.252
0.256
0.886
Y
1000
3V1614
YNM2210
FVL1614S4AR2
8
0.169
0.283
0.256
0.886
Y
1000
3V1614
YNM2210
FVL16144AR2
8
0.169
0.311
0.256
0.886
Y
1000
3V1614
YNM2210
FVL1614M5AR2
10
0.209
0.311
0.256
0.886
Y
1000
3V1614
YNM2210
FVL16145AR2
10
0.209
0.366
0.256
0.886
Y
1000
3V1614
YNM2210
FVL16146AR2
1/4
0.252
0.472
0.433
1.110
Y
1000
3V1614
YNM2210
1210 AWG Vinyl Insulated Spade Terminals
Material: Tin Plated Copper with Butted Seam
Insulation Material: Yellow Vinyl with Funnel Entry
Maximum Electrical Current: 50 Amps
Barrel ID (d1): .134
Maximum Electrical Rating: 75°C, 600V
Barrel OD (D): .248
Material Thickness (T): .039
Barrel Length (E): .555
DIMENSIONS (INCHES)
TAPE
DIE FOR
HOFFMAN
STUD
STUD
TONGUE
STUD
LENGTH
MOUNTED
TAPE
PART NO.
SIZE
DIAMETER
WIDTH
CLEARANCE
UL
REEL QTY
MOUNTED
HAND TOOL
d2
W
F
L
FVL1210S3AR2
6
0.146
0.283
0.295
1.004
Y
1000
3V1210
YNM2210
FVL1210S4AR2
8
0.169
0.327
0.276
1.047
Y
1000
3V1210
YNM2210
FVL12105AR2
10
0.209
0.354
0.276
1.047
Y
1000
3V1210
YNM2210
FVL12106AR2
1/4
0.252
0.472
0.472
1.283
Y
1000
3V1210
YNM2210
SPADE TERMINALS
BACK
BACK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com