Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E3JM-R4R4T-G Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # E3JM-R4R4T-G
Description  Multi voltage photoelectric sensor in plastic housing with timer function
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3JM-R4R4T-G Datasheet(HTML) 1 Page - Omron Electronics LLC

  E3JM-R4R4T-G Datasheet HTML 1Page - Omron Electronics LLC E3JM-R4R4T-G Datasheet HTML 2Page - Omron Electronics LLC E3JM-R4R4T-G Datasheet HTML 3Page - Omron Electronics LLC E3JM-R4R4T-G Datasheet HTML 4Page - Omron Electronics LLC E3JM-R4R4T-G Datasheet HTML 5Page - Omron Electronics LLC E3JM-R4R4T-G Datasheet HTML 6Page - Omron Electronics LLC E3JM-R4R4T-G Datasheet HTML 7Page - Omron Electronics LLC E3JM-R4R4T-G Datasheet HTML 8Page - Omron Electronics LLC E3JM-R4R4T-G Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
E3JM
Multi voltage photoelectric sensor in plastic housing with timer function
E3JM
The square sized E3JM family
provides 12 to 240 VDC and 24 to
240 VAC power supply voltage, an
enhanced sensing distance and a
timer function.
• 12 to 240 VDC and 24 to 240 VAC
supply voltage
• Relay or solid state relay output
• Timer function
Ordering Information
Sensor type
Sensing
distance
Connec-
tion
method
Timer function
Order code
Relay output
DC SSR output
minus common
plus common
Through-beam
10 m
Terminal
block
(with
PG 13.5)
–
E3JM-10M4-G-N
E3JM-10S4-G-N
E3JM-10R4-G-N
ON or OFF delay
0.1 s to 5 s
E3JM-10M4T-G-N E3JM-10S4T-G-N E3JM-10R4T-G-N
Retro-reflective with M.S.R.
4 m
–
E3JM-R4M4-G
E3JM-R4S4-G
E3JM-R4R4-G
ON or OFF delay
0.1 s to 5 s
E3JM-R4M4T-G
E3JM-R4S4T-G
E3JM-R4R4T-G
Diffuse-reflective
700 mm
(adjustable)
–
E3JM-DS70M4-G E3JM-DS70S4-G
E3JM-DS70R4-G
ON or OFF delay
0.1 s to 5 s
E3JM-DS70M4T-G E3JM-DS70S4T-G E3JM-DS70R4T-G


Similar Part No. - E3JM-R4R4T-G

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3JM-R4R4T-US OMRON-E3JM-R4R4T-US Datasheet
214Kb / 8P
Universal Voltage Terminal Photoelectric
More results

Similar Description - E3JM-R4R4T-G

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICM7226A INTERSIL-ICM7226A Datasheet
173Kb / 19P
8-Digit, Multi-Function, Frequency Counter/Timer
August 1997
ICM7226A INTERSIL-ICM7226A_01 Datasheet
547Kb / 19P
8-Digit, Multi-Function, Frequency Counter/Timer
May 2001
logo
Harris Corporation
ICM7216A HARRIS-ICM7216A Datasheet
191Kb / 17P
8-Digit Multi-Function Frequency Counter/Timer
logo
Omron Electronics LLC
E3S-2B41 OMRON-E3S-2B41 Datasheet
1Mb / 15P
Photoelectric Sensor with Built-in Amplifier
E3Z-D62 OMRON-E3Z-D62 Datasheet
486Kb / 15P
Photoelectric Sensor with Built-in Amplifier
E3FZLS86H OMRON-E3FZLS86H Datasheet
1Mb / 17P
Easy mounting photoelectric sensor in short M18 housing
E3Z-T66A OMRON-E3Z-T66A Datasheet
486Kb / 15P
Photoelectric Sensor with Built-in Amplifier
logo
List of Unclassifed Man...
NX5-D700A ETC2-NX5-D700A Datasheet
785Kb / 10P
Compact Multi-voltage Photoelectric Sensor
logo
FOTEK CONTROLS CO., LTD...
STP-2D FOTEK-STP-2D Datasheet
370Kb / 2P
MULTI-FUNCTION DIGITAL TIMER
logo
Omron Electronics LLC
E3S OMRON-E3S Datasheet
1Mb / 15P
Photoelectric Sensor with Built-in Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com