Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E3JM-R4R4T-G Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # E3JM-R4R4T-G
Description  Multi voltage photoelectric sensor in plastic housing with timer function
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3JM-R4R4T-G Datasheet(HTML) 3 Page - Omron Electronics LLC

  E3JM-R4R4T-G Datasheet HTML 1Page - Omron Electronics LLC E3JM-R4R4T-G Datasheet HTML 2Page - Omron Electronics LLC E3JM-R4R4T-G Datasheet HTML 3Page - Omron Electronics LLC E3JM-R4R4T-G Datasheet HTML 4Page - Omron Electronics LLC E3JM-R4R4T-G Datasheet HTML 5Page - Omron Electronics LLC E3JM-R4R4T-G Datasheet HTML 6Page - Omron Electronics LLC E3JM-R4R4T-G Datasheet HTML 7Page - Omron Electronics LLC E3JM-R4R4T-G Datasheet HTML 8Page - Omron Electronics LLC E3JM-R4R4T-G Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
E3JM
Specifications
Ratings/Characteristics
Note: The timer cannot be disabled for Models with timer functions (E3JM-
@@@4T).
Item
Through-beam
Retro-reflective with M.S.R.
Diffuse-reflective
E3JM-10
@4
E3JM-10
@4T
E3JM-R4
@4
E3JM-R4
@4T
E3JM-DS70
@4 E3JM-
DS70
@4T
Sensing distance
10 m
4 m (When using E39-R1)
White paper (200
× 200 mm):
700 mm
Standard sensing object
Opaque: 14.8-mm dia. min.
Opaque: 75-mm dia.min.
---
Differential travel
---
---
20% max. of sensing distance
Directional angle
Both Emitter and Receiver 3
° to
20
°
1
° to 5°
---
Light source (wavelength)
Infrared LED (950 nm)
Red LED (660 nm)
Infrared LED (950 nm)
Power supply voltage
12 to 240 VDC
±10%, ripple (p-p): 10% max.
24 to 240 VAC
±10%, 50/60 Hz
Power consumption
3 W max.
2 W max.
Control output
Relay output (M Models): SPDT 250 VAC, 3 A max. (cos
ϕ = 1)
5 VDC, 10 mA min.
DC SSR output (S, R Models):48 VDC, 100 mA max. (residual voltage: 2 V max.)
Light-ON/Dark-ON selectable
Life expectancy
Mechanical
50,000,000 times min. (switching frequency: 18,000 times/h)
Electrical
100,000 times min. (switching frequency: 1,800 times/h)
Response time
Relay out-
put
Operation or reset: 30 ms max.
DC SSR
output
Operation or reset: 5 ms max.
Sensitivity adjustment
---
One-turn adjuster
Timer function (See note.)
ON-delay/OFF-delay/One-shot delay switch selectable
Delay time: 0.1 to 5 s (adjustable), only for E3JM-
@@@4T
Ambient illumination (Receiver
side)
Incandescent lamp: 3,000
lx max.
Ambient temperature
Operating:–25
°C to 55°C (with no icing or condensation)
Storage:–30
°C to 70°C (with no icing or condensation)
Ambient humidity
Operating:45% to 85% (with no condensation)
Storage:35% to 95% (with no condensation)
Insulation resistance
20 M
Ω min. at 500 VDC between current-carrying parts and case
Dielectric strength
2,000 VAC, 50/60 Hz for 1 min. between current-carrying parts and case
Vibration resis-
tance
Destruction
10 to 55 Hz, 1.5-mm double amplitude for 2 hours each in X, Y, and Z directions
Malfunction
10 to 55 Hz, 1.5-mm double amplitude for 2 hours each in X, Y, and Z directions
Shock resistance
Destruction
500 m/s2 3 times each in X, Y, and Z directions
Malfunction
100 m/s2 3 times each in X, Y, and Z directions
Degree of protection
IEC 60529: IP66
Connection method
Terminal block
Indicator
Light indicator
(red), power in-
dicator (red)
Operation indi-
cator (red),
power indicator
(red)
Light indicator
(red)
Operation indi-
cator (red)
Light indicator
(red)
Operation indi-
cator (red)
Weight (packed state)
Approx. 270 g
Approx. 160 g
Approx. 160 g
Material
Case
ABS
Lens
Methacrylic resin
Cover
Polycarbonate
Mounting
Bracket
Iron
Accessories
Mounting Bracket (with screw), nut, terminal protection cover, one set of cable connection nuts,
reflector (E39-R1: only for retro-reflective models), instruction manual



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com