Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5AN-R3ML-500-N Datasheet(PDF) 14 Page - Omron Electronics LLC

Part # E5AN-R3ML-500-N
Description  Basic-type Digital Temperature Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5AN-R3ML-500-N Datasheet(HTML) 14 Page - Omron Electronics LLC

Back Button E5AN-R3ML-500-N Datasheet HTML 10Page - Omron Electronics LLC E5AN-R3ML-500-N Datasheet HTML 11Page - Omron Electronics LLC E5AN-R3ML-500-N Datasheet HTML 12Page - Omron Electronics LLC E5AN-R3ML-500-N Datasheet HTML 13Page - Omron Electronics LLC E5AN-R3ML-500-N Datasheet HTML 14Page - Omron Electronics LLC E5AN-R3ML-500-N Datasheet HTML 15Page - Omron Electronics LLC E5AN-R3ML-500-N Datasheet HTML 16Page - Omron Electronics LLC E5AN-R3ML-500-N Datasheet HTML 17Page - Omron Electronics LLC E5AN-R3ML-500-N Datasheet HTML 18Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
14
Basic-type Digital Temperature Controller
E5AN/E5EN
Current Transformers
Waterproof Packing
Y92S-P4 (for DIN 96
× 96)
Order the Waterproof Packing separately if it becomes lost or
damaged.
The Waterproof Packing can be used to achieve an IP66 degree of
protection.
(Deterioration, shrinking, or hardening of the waterproof packing may
occur depending on the operating environment. Therefore, periodic
replacement is recommended to ensure the level of waterproofing
specified in IP66. The time for periodic replacement depends on the
operating environment. Be sure to confirm this point at your site.
Consider one year a rough standard. OMRON shall not be liable for
the level of water resistance if the customer does not perform periodic
replacement.)
The Waterproof Packing does not need to be attached if a waterproof
structure is not required.
Y92S-P5 (for DIN 48
× 96)
E54-CT3 Accessory
• Armature
30
21
15
5.8 dia.
25
3
40
10.5
2.8
7.5
10
Two, 3.5 dia.
40
× 40
30
12 dia.
9
2.36 dia.
15
30
Two, M3 (depth: 4)
Approx. 3 dia.
18
(22)
Approx. 6 dia.
Plug
Armature
Lead
E54-CT1
E54-CT3
Connection Example
• Plug
E54-CT1
Thru-current (Io) vs. Output Voltage
(Eo) (Reference Values)
Maximum continuous heater current: 50 A (50/60 Hz)
Number of windings: 400
±2
Winding resistance: 18
±2 Ω
Thru-current (Io) A (r.m.s.)
1
10
100 mA
1
10
100 1,000 A
100 V
50 Hz
Distortion
factor 10%
3%
1%
100
Ω
RL = 10
Ω
∞
10
1
100 mV
10
1
100
μV
10
1 k
Ω
E54-CT3
Thru-current (Io) vs. Output Voltage
(Eo) (Reference Values)
Maximum continuous heater current: 120 A (50/60 Hz)
(Maximum continuous heater current for an OMRON
Temperature Controller is 50 A.)
Number of windings: 400±2
Winding resistance: 8±0.8
Ω
3%
1%
1 k
Ω
100
Ω
50
Ω
RL = 10
Ω
500
Ω
∞
Distor-
tion
factor
10%
Thru-current (Io) A (r.m.s.)
1
10
100 mA
1
10
100 1,000 A
100 V
50 Hz
10
1
100 mV
10
1
100
μV
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com