Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5AN-R3ML-500-N Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # E5AN-R3ML-500-N
Description  Basic-type Digital Temperature Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5AN-R3ML-500-N Datasheet(HTML) 2 Page - Omron Electronics LLC

  E5AN-R3ML-500-N Datasheet HTML 1Page - Omron Electronics LLC E5AN-R3ML-500-N Datasheet HTML 2Page - Omron Electronics LLC E5AN-R3ML-500-N Datasheet HTML 3Page - Omron Electronics LLC E5AN-R3ML-500-N Datasheet HTML 4Page - Omron Electronics LLC E5AN-R3ML-500-N Datasheet HTML 5Page - Omron Electronics LLC E5AN-R3ML-500-N Datasheet HTML 6Page - Omron Electronics LLC E5AN-R3ML-500-N Datasheet HTML 7Page - Omron Electronics LLC E5AN-R3ML-500-N Datasheet HTML 8Page - Omron Electronics LLC E5AN-R3ML-500-N Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
2
Basic-type Digital Temperature Controller
E5AN/E5EN
Lineup
Note: all models can be used for Heating, Cooling and Heating & Cooling control.
Model Number Structure
Model Number Legend
Controllers
1. Control Output 1
R: Relay output
Q: Voltage output (for driving SSR)
C: Current output
2. Auxiliary Outputs
3: Three outputs
3. Heater Burnout/SSR Failure, Control Output 2, or External
Power Supply for ES1B
Blank: None
Q: Control output 2 (voltage output for driving SSR)
Y: Long-life relay output (hybrid)
H: Heater burnout/SSR failure/Heater overcurrent detection (CT1)
HH: Heater burnout/SSR failure/Heater overcurrent detection
(For 3-phase heater applications, 2x CT)
P: Power supply for sensor
4. Option
M: Option Unit can be mounted.
5. Input Type
T: Universal thermocouple/platinum resistance thermometer input
L: Analog current/voltage input
6. Power Supply Voltage
Blank: 100 to 240 VAC
D: 24 VAC/VDC
7. Terminal Cover
-500: With terminal cover
8. Version
N: Available only to models produced after January 2008
(Box marked with N6).
Option Units
1. Function
EN01: RS-232C communications
EN03: RS-485 communications
AKB: Event input
Note: casing color is black. White/Silver available on request.
Terminal block
E5AN/E5EN
Basic Type
Analog input
Temperature input
2 control outputs
1 control output
2 control outputs
1 control output
3 auxiliary outputs
3 auxiliary outputs
3 auxiliary outputs
3 auxiliary outputs
1 2 3 456
7
8
E5AN/E5EN-
@3@M@@-500-N
1
E53-
@



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com