Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BZ-R19-A2 Datasheet(PDF) 3 Page - Honeywell Solid State Electronics Center

Part # BZ-R19-A2
Description  STANDARD BASIC SWITCH CUT-A-WAY
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

BZ-R19-A2 Datasheet(HTML) 3 Page - Honeywell Solid State Electronics Center

  BZ-R19-A2 Datasheet HTML 1Page - Honeywell Solid State Electronics Center BZ-R19-A2 Datasheet HTML 2Page - Honeywell Solid State Electronics Center BZ-R19-A2 Datasheet HTML 3Page - Honeywell Solid State Electronics Center BZ-R19-A2 Datasheet HTML 4Page - Honeywell Solid State Electronics Center BZ-R19-A2 Datasheet HTML 5Page - Honeywell Solid State Electronics Center BZ-R19-A2 Datasheet HTML 6Page - Honeywell Solid State Electronics Center BZ-R19-A2 Datasheet HTML 7Page - Honeywell Solid State Electronics Center BZ-R19-A2 Datasheet HTML 8Page - Honeywell Solid State Electronics Center BZ-R19-A2 Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Basic Switches
BZ/BA Series
Standard
48
Honeywell Sensing and Control
For application help: call 1-800-537-6945.
AVAILABLE TERMINALS
Most of the BZ/BA catalog listings have
A2 type terminals. Several other terminal
styles are shown and others are available.
Specific information should be requested
from the 800 number or local Authorized
Distributor.
Solder (No suffix)
Use up to #14 wire
A2
Bottom facing 6-32 NC
× .218
screw with cup washers
A4
(Same as A2 except #8 screws)
T
Bottom facing 6-32 NC
× .218 screw
with Sems lockwashers
D5
.250 (6,35 mm) wide
× .030 (7,62) thick
quick-connect
D6
.250 (6,35 mm) wide
× .032 (0,81 mm) thick
quick-connect
P4
Side facing 8-32
× .218 screw with cup washers
PC2
Self lifting pressure plate terminals and plastic
barriers for added dielectric protection
ACTUATORS
BA, BE, BM and BZ standard basic
switches use the actuators described.
Pin plunger; in-line motion
Overtravel plunger; in-line
applications requiring additional
overtravel
Added overtravel in a panel mount
roller plunger; Actuation by cams
Leaf; Low-force, slow moving cams or
slides
Roller lever; Very low force, fast
moving cams
Roller leaf; Low-force, large
movement actuation
Lever; Very low force, slow cams and
slides
Added overtravel in a panel-mount
plunger; Heavy-duty in-line
applications or slow cams.
Cam rise should not exceed 30
°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com