Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BZ-R19-A2 Datasheet(PDF) 11 Page - Honeywell Solid State Electronics Center

Part # BZ-R19-A2
Description  STANDARD BASIC SWITCH CUT-A-WAY
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

BZ-R19-A2 Datasheet(HTML) 11 Page - Honeywell Solid State Electronics Center

Back Button BZ-R19-A2 Datasheet HTML 7Page - Honeywell Solid State Electronics Center BZ-R19-A2 Datasheet HTML 8Page - Honeywell Solid State Electronics Center BZ-R19-A2 Datasheet HTML 9Page - Honeywell Solid State Electronics Center BZ-R19-A2 Datasheet HTML 10Page - Honeywell Solid State Electronics Center BZ-R19-A2 Datasheet HTML 11Page - Honeywell Solid State Electronics Center BZ-R19-A2 Datasheet HTML 12Page - Honeywell Solid State Electronics Center BZ-R19-A2 Datasheet HTML 13Page - Honeywell Solid State Electronics Center BZ-R19-A2 Datasheet HTML 14Page - Honeywell Solid State Electronics Center BZ-R19-A2 Datasheet HTML 15Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Basic Switches
BZ/BA Series
Standard
56
Honeywell Sensing and Control
For application help: call 1-800-537-6945.
GENERAL INFORMATION
SPECIAL CIRCUITRY SWITCHES
‘‘Special sequence’’ switches provide un-
usual circuit control. A make-before-
break switch provides circuit continuity
while switching from N.C. to N.O. In an-
other make-before-make switch, upon
actuation, one circuit is made an interval
before the second circuit. Another switch
provides a single pulse or momentary
closure of the contacts with each cycle of
operation.
Double break versions can interrupt grea-
ter inductive loads and feature shorting
bar construction. A split contact version
allows control of the two isolated circuits.
Characteristics: O.F. – Operating Force;
R.F. – Release Force; P.T. – Pretravel;
O.T. – Overtravel; D.T. – Differential Travel;
O.P. – Operating Position.
PIN PLUNGER
ORDER GUIDE
Electrical
Data and
O.F.
R.F. min. P.T. max. O.T. min.
D.T.
O.P.*
UL Codes
newtons
newtons
mm
mm
mm
mm
Catalog Listing
Recommended For
Page 46
ounces
ounces
inches
inches
inches
inches
BZ-2G-A2
Make-before-break
contact action
10 Amps
C
5,56
20 max.
2,22
8
0,76
.030
0,13
.005
0,38
.015
15,9
.625
Dim. Dwg. Fig 5
Unoperated
Intermediate
Fully
Intermediate
Fully
Operated
Release
Released
6BS1-B
Make-before-make
contact action
10 Amps
R
9,73
35 max.
2,78
10
–
–
–
–
Dim. Dwg. Fig. 6
*
±0,38 mm
± .015 in.
10BS210
Adjustable
differential travel
20 Amps
Y
3,10-5,56
11-20
2,78
10
–
0,25
.010 at
max.
setting
0,04-0,06
.0015-.0025
0,18
.007 at max.
setting
16,3
.64
Dim. Dwg. Fig. 4-A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com