Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33879 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # 33879
Description  Configurable octal serial switch with open load detect current disable
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33879 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  33879 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33879 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33879 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33879 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33879 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33879 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33879 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33879 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33879 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
2
NXP Semiconductors
33879
1
Orderable parts
Table 1. Orderable part variations
Part number (1)
Temperature (TA)
Package
MC33879APEK
-40 to 125
°C
32 SOICW-EP
MC33879TEK
Notes
1.
To order parts in Tape & Reel, add the R2 suffix to the part number.
Table 2. Device variations
Symbol
Characteristic
Min.
Typ.
Max.
Unit
VPWR
VPWR Supply Voltage
• 33879
• 33879A
-16
-16
–
–
40
45
V
IOUT(FLT-TH)
Output Fault Detection Current @ Threshold, High-side Configuration
Outputs Programmed OFF
• 33879
• 33879A
35
35
55
55
90
150
μA
IOCO
Output OFF Open Load Detection Current, High-side Configuration
VDRAIN = 16 V, VSOURCE = 0 V, Outputs Programmed OFF,
VPWR = 16 V
• 33879
• 33879A
65
60
100
100
160
190
μA
IOCO
Output OFF Open Load Detection Current, Low-side Configuration
VDRAIN = 16 V, VSOURCE = 0 V, Outputs Programmed OFF,
VPWR =16 V
• 333879
• 338979A
40
40
75
75
135
150
μA
IEN
EN Pull-down Current
EN = 5.0 V
• 333879
• 33879A
20
20
45
45
100
110
μA
VOUT(FLT-TH)
Output Fault Detection Voltage Threshold
Outputs Programmed OFF
• 33879
• 33879A
2.5
2.5
4.0
4.0
4.5
5.0
V
IOUT(FLT-TH)
Output Fault Detection Current @ Threshold, Low-side Configuration
Outputs Programmed OFF
• 33879
• 33879A
20
20
30
30
60
115
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com