Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33879 Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # 33879
Description  Configurable octal serial switch with open load detect current disable
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33879 Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button 33879 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33879 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33879 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33879 Datasheet HTML 20Page - Freescale Semiconductor, Inc 33879 Datasheet HTML 21Page - Freescale Semiconductor, Inc 33879 Datasheet HTML 22Page - Freescale Semiconductor, Inc 33879 Datasheet HTML 23Page - Freescale Semiconductor, Inc 33879 Datasheet HTML 24Page - Freescale Semiconductor, Inc 33879 Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
NXP Semiconductors
21
33879
5.4.10 Output voltage clamp
Each output of the 33879 incorporates an internal voltage clamp to provide fast turn-off and transient protection of each output. Each
clamp independently limits the drain-to-source voltage to 45 V for low-side drive configurations and -20 V for high-side drive
configurations. The total energy clamped (EJ) can be calculated by multiplying the current area under the current curve (IA) times the
clamp voltage (VCL) (see Figure 18). Characterization of the output clamps, using a single pulse non-repetitive method at 0.35 A, indicates
the maximum energy per output to be 50 mJ at 150°C junction temperature.
Figure 18. Output Voltage Clamping
5.4.11 SPI configurations
The SPI configuration on the 33879 device is consistent with other devices in the Octal Serial Switch (OSS) family. This device may be
used in serial SPI or parallel SPI with the 33298 and 33291. Different SPI configurations may be provided. For more information, contact
NXP Analog Products Division or the local NXP representative.
5.4.12 Reverse battery
The 33879 has been designed with reverse battery protection on the VPWR pin. All outputs consist of a power MOSFET with an integral
substrate diode. During the reverse battery condition, current flows through the load via the substrate diode. Under this circumstance,
relays may energize and lamps turn on. Where load reverse battery protection is desired, a reverse battery blocking diode must be placed
in series with the load.
Current
Area (IA)
Clamp Energy
(EJ = IA x VCL)
Clamp Energy
(EJ = IA x VCL)
Drain Voltage
Source Voltage
Time
Time
BAT
Drain-to-Source Clamp
Voltage (VCL = 45 V)
Drain Current
(ID = 0.3 A)
GND
GND
VS
Drain-to-Source ON
Voltage (VDS(ON))
Drain-to-Source ON
Voltage (VDS(ON))
Current
Area (IA)
Source Current
(IS = 0.3 A)
Source Clamp Voltage
(VCL = -15 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com