Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC33975ATEK/R2 Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # MC33975ATEK/R2
Description  Multiple Switch Detection Interface with Suppressed Wake-up and 32 mA Wetting Current
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33975ATEK/R2 Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button MC33975ATEK/R2 Datasheet HTML 17Page - Freescale Semiconductor, Inc MC33975ATEK/R2 Datasheet HTML 18Page - Freescale Semiconductor, Inc MC33975ATEK/R2 Datasheet HTML 19Page - Freescale Semiconductor, Inc MC33975ATEK/R2 Datasheet HTML 20Page - Freescale Semiconductor, Inc MC33975ATEK/R2 Datasheet HTML 21Page - Freescale Semiconductor, Inc MC33975ATEK/R2 Datasheet HTML 22Page - Freescale Semiconductor, Inc MC33975ATEK/R2 Datasheet HTML 23Page - Freescale Semiconductor, Inc MC33975ATEK/R2 Datasheet HTML 24Page - Freescale Semiconductor, Inc MC33975ATEK/R2 Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
21
33975
FUNCTIONAL DEVICE OPERATION
OPERATIONAL MODES
EXAMPLE OF NORMAL MODE OPERATION
The operation of the device in Normal mode is defined by the
states of the programmable internal control registers. A
typical application may have the following settings:
• Programmable switch – set to switch-to-ground
• All inputs set as wake-up
• Wetting current on (32 mA)
• Wetting current timer on (20 ms)
• All inputs tri-state-disabled (comparator is active)
• Analog select 00000 (no input channel selected)
With the device programmed as above, an interrupt will be
generated with each switch contact change of state (open-to-
close or close-to-open) and 32 mA of contact wetting current
will be source for 20 ms. The INT pin will remain low until
switch status is acknowledged by the microprocessor. It is
critical to understand INT will not be cleared on the rising
edge of CS if a switch closure occurs while the CS is low. The
maximum duration a switch state change can exist without
acknowledgement depends on the software response time to
the interrupt. Figure 6, page 11, shows the interaction
between changing input states and the INT and CS pins.
If desired the user may disable interrupts (wake-up/interrupt
command) from the 33975 device and read the switch states
on a periodic basis. Switch activation and deactivation faster
than the MCU read rate will not be acknowledged.
The 33975 device will exit the Normal mode and enter the
Sleep mode only with a valid sleep command.
SLEEP MODE
Sleep mode is used to reduce system quiescent currents.
Sleep mode may be entered only by sending the sleep
command. All register settings programmed in Normal mode
will be maintained in Sleep mode.
The 33975 will exit Sleep mode and enter Normal mode when
any of the following events occur:
• Input switch change of state (when enabled)
• Interrupt timer expire
• Falling edge of WAKE
• Falling edge of INT (with VDD = 5.0 V and WAKE at
Logic [1])
• Falling edge of CS (with VDD = 5.0 V)
• Power-on reset (POR)
The VDD supply may be removed from the device during
Sleep mode. However removing VDD from the device in
Sleep mode will disable a wake-up from falling edge of INT
and CS.
Note: In cases where CS is used to wake the device, the first
SO data message is not valid.
The sleep command contains settings for two programmable
timers for Sleep mode, the interrupt timer and the scan timer,
as shown in Table 18.
Table 16. Serial Output (SO) Bit Data
Type of Input
Input
Programmed
Voltage on Input
Pin
SO SPI Bit
SP
Switch to Ground
SPn < 4.0 V
1
Switch to Ground
SPn > 4.0 V
0
Switch to Battery
SPn < 4.0 V
0
Switch to Battery
SPn > 4.0 V
1
SG
N/A
SGn < 4.0 V
1
N/A
SGn > 4.0 V
0
Table 17. Serial Output (SO) Response Register
SO Response
Will
Always Send
ther
m
flg
RST
flg
SP7 SP6 SP5 SP4 SP3 SP2 SP1 SP0 SG1
3
SG1
2
SG1
1
SG1
0
SG9 SG8 SG7 SG6 SG5 SG4 SG3 SG2 SG1 SG0
Table 18. Sleep Command
Sleep Command
Command Bits
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
0
0
0
1
1
0
0
X
X
X
X
X
X
X
X
X
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com