Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC33975ATEK/R2 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MC33975ATEK/R2
Description  Multiple Switch Detection Interface with Suppressed Wake-up and 32 mA Wetting Current
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33975ATEK/R2 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MC33975ATEK/R2 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC33975ATEK/R2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC33975ATEK/R2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC33975ATEK/R2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC33975ATEK/R2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC33975ATEK/R2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC33975ATEK/R2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC33975ATEK/R2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC33975ATEK/R2 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
5
33975
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
Table 3. Maximum Ratings
All voltages are with respect to ground unless otherwise noted. Exceeding these limits may cause malfunction or permanent
damage to the device.
Rating
Symbol
Value
Unit
ELECTRICAL RATINGS
VDD Supply Voltage
–
-0.3 to 7.0
VDC
CS, SI, SO, SCLK, INT, AMUX
–
-0.3 to 7.0
VDC
WAKE
–
-0.3 to 40
VDC
VPWR Supply Voltage
–
-0.3 to 50
VDC
VPWR Supply Voltage at -40
C
–
-0.3 to 45
VDC
Switch Input Voltage Range
33975
33975A
–
-14 to 38
-14 to 40
VDC
Frequency of SPI Operation (VDD = 5.0 V)
–
6.0
MHz
ESD Voltage(1)
Human Body Model(2)
Applies to all non-input Pins
Machine Model
Charge Device Model
Corner Pins
Interior Pins
VESD
±2000
±2000
±200
750
500
V
THERMAL RATINGS
Operating Temperature
Ambient
Junction
Case
TA
TJ
TC
-40 to 125
-40 to 150
-40 to 125
C
Storage Temperature
TSTG
-55 to 150
C
Power Dissipation(3)
PD
1.7
W
Notes
1.
ESD testing is performed in accordance with the Human Body Model (CZAP = 100 pF, RZAP = 1500 ), the Machine Model (CZAP =
200 pF, RZAP = 0 ), and the Charge Device Model.
2.
All Programmable Switches (SP) and Switch-to-Ground (SG) input pins when tested individually.
3.
Maximum power dissipation at TJ =150 C junction temperature with no heatsink used.
4.
Thermal resistance between the die and the exposed die pad.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com