Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

34704 Datasheet(PDF) 39 Page - Freescale Semiconductor, Inc

Part # 34704
Description  Multiple Channel DC-DC Power Management IC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34704 Datasheet(HTML) 39 Page - Freescale Semiconductor, Inc

Back Button 34704 Datasheet HTML 35Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 36Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 37Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 38Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 39Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 40Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 41Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 42Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 43Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 54 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
39
34704
FUNCTIONAL DEVICE OPERATION
COMPONENT CALCULATION
COMPONENT CALCULATION
FSW1 AND GENERAL SOFT START
CONFIGURATION
The 34704 uses FSW1 as the switching frequency for
REG1(VG) thru REG5, and this can be changed by applying
a voltage between 0 to 2.5 V to the FREQ pin. If the FREQ
pin is left unconnected, the 34704 starts up with a default
frequency of 750 KHz. To configure the FSW1, use a 2
resistors voltage divider from VDDI to ground to set the
voltage on the FREQ pin as indicated bellow:
Notes
27.
If an external voltage is used, FSW1 can only be set during
device startup.
Initially at power up, the soft start time will be set for all of
the regulators through programming the SS pin with an
external resistor divider connected between VDDI and AGND
as follows:
REGULATORS POWER STAGE AND
COMPENSATION CALCULATION
Regulator 1 and 6 (Synchronous Boost - internally
compensated - REG1 is VG supply).
REG1 is a Synchronous Boost converter set to 5.0 V and
Maximum current of 500 mA while REG6 is set to 15 V at
60 mA (on the 34704B, REG1 does not exist but similar
circuitry is used to provide the internal VG voltage). They do
not need an external compensation network, thus, the only
components that need to be calculated are:
• R1 and RB (Only REG6): These two resistors help to set
the output voltage to the desire value using a Vref=0.6 V,
select R1 between 10 k and 100 K and then calculate RB
as follows:
• L: A boost power stage can be designed to operate in
CCM for load currents above a certain level usually 5 to
15% of full load. The minimum value of inductor to
maintain CCM can be determined by using the following
procedure:
Ratio
FSW1
[KHz]
0
750
9/32
1000
13/32
1250
17/32
1500
21/32
1750
VDDI
2000
VDDI
GND
FREQ
RF1
RF2
VFREQ
VDDI
RF2
RF1 RF2
+
----------------------------


=
VFREQ
RF1, RF2 tolerance

Ratio
Soft Start timing
[ms]
0
0.5
11/32
2.0
19/32
8.0
VDDI
32.0
IDD max = 100
VDDI
GND
SS
RSS1
RSS2
VSS
VDDI
RSS2
RSS1 RSS2
+
-----------------------------------


=
VSS
RSS1, RSS2 tolerance

RB
R1
Vo
Vref
------------ 1
–
---------------------
=
[
]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com