Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

34704 Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # 34704
Description  Multiple Channel DC-DC Power Management IC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34704 Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button 34704 Datasheet HTML 9Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 10Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 11Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 12Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 13Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 14Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 15Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 16Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 54 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
13
34704
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
REGULATOR 8
Output Voltage Range
VOUT
5.0(19)
15
15
V
Output Accuracy
-
-4.0
-
4.0
%
Feedback Reference Voltage
VFB
-
0.600(20)
-
V
Feedback Reference Voltage on current regulation mode
VFB
-
0.230(21)
-
V
Dynamic Voltage Scaling Range
VDYN
-10
-
10
%
Dynamic Voltage Scaling Step Size
VDYN_STEP
-
2.5
-
%
Line/Load Regulation(18)
REGLN/LD
-1.0
-
1.0
%
Continuous Output Current(18)
IOUT
-
15
30
mA
Overcurrent Limit (Detected in low-side FET)
ILIM_ION
-
1.0
-
A
Short-circuit Current Limit (Detected in the Blocking FET)
ISHORT_ION
-
1.5
-
A
Overcurrent Limit Accuracy
-
-20
-
20
%
N-CH Switch Power MOSFET RDS(on)
RDS(on)-SW
-
450
-
m
N-CH Synch. Power MOSFET RDS(on)
RDS(on)-SY
-
1000
-
m
N-CH Shutdown Power MOSFET RDS(on)
RDS(on)-SH
-
450
-
m
Discharge MOSFET RDS(ON)
RDS(on)-DIS
-
70
-
Thermal Shutdown Threshold(18)
TSD
-
170
-
°C
Thermal Shutdown Hysteresis(18)
TSD-HYS
-
25
-
°C
SW8 Leakage Current (Off State) @25°C
ISW8_LKG
-
-
1.0
A
Notes
18.
Guaranteed by Design
19.
When Battery voltage is higher than 5.0V and VOUT8 is 5.0V, a polarization diode is necessary to achieve accurate output voltage. See
Component Calculation on page 39 for further details.
20.
VFB is 0.6V when the part is powered up and no DVS is changed. DVS is achieved by modifying VFB reference.
21.
When in Current regulation mode, the Voltage reference is set to 0.230mV to set the maximum current, and it is internally decreased to
achieve a factor of the maximum current passing through the LED string
Table 4. Static Electrical Characteristics (continued)
Characteristics noted under conditions 2.7 V
 VIN  5.5 V, -20C  TA  85 C, GND = 0 V, unless otherwise noted. Typical
values noted reflect the approximate parameter means at TA = 25 °C under nominal conditions, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com