Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CODE033 Datasheet(PDF) 2 Page - Lorlin Electronics Ltd.

Part # CODE033
Description  BCKS BINARY CODED ROTARY SWITCH
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LORLIN [Lorlin Electronics Ltd.]
Direct Link  https://lorlinelectronics.co.uk/
Logo LORLIN - Lorlin Electronics Ltd.

CODE033 Datasheet(HTML) 2 Page - Lorlin Electronics Ltd.

  CODE033 Datasheet HTML 1Page - Lorlin Electronics Ltd. CODE033 Datasheet HTML 2Page - Lorlin Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Lorlin Electronics Ltd, Harwood Industrial Estate, Harwood rd, Littlehampton, W. Sussex BN17 7At England
Tel (+44) 01903 725121 Fax (+44) 01903 726808 E-mail sales@lorlin.co.uk
2
STANDARD SPINDLE DETAILS
TO ORDER PLEASE SPECIFY:
STANDARD ANGLES OF
SCREWDRIVER SLOTS
TYPICAL SPINDLE DETAILS
Standard screwdriver slots are
1.2mm wide and 1.5mm deep
.
1. Switching Code
2. Imperial or Metric Spindle Diameter
3. Dimension (B) Spindle length from Mounting Face
4. Thread Required (C)
5. Spindle Flat length if required (D)
6. Angle of Flat (E)
7. Spindle Flat Depth (F)
8. 16 Position or No Stop Version
9. Contact Plating: Silver/Gold Flash/2.5 microns
Gold Plate
10. Location Lug if required
CUSTOMER TO COMPLETE OR DELETE AS REQUIRED
A
B
C
IMPERIAL
Ø6.35
Ø9.52 x 32TPI
METRIC
Ø6.00
M10 x 0.75
D
E
F
IMPERIAL
METRIC
A
B
C
D
E
F
BASIC
TYPES
SPINDLE
DIAMETER
SPINDLE
LENGTH
FROM
MOUNTING
FACE
8mm
LONG
BUSH
SPINDLE
FLAT
LENGTH
ANGLE
OF
SPINDLE
FLAT
SPINDLE
FLAT
DEPTH
IMPERIAL
6.35mm
38mm
9.52 x
32TPI
30mm
90º
5.5mm
METRIC
6.00mm
50mm
M10 x
0.75
No Flat
---
---
BCKS BINARY CODED ROTARY SWITCH
EXAMPLE
Screwdriver slot level with top of threaded fixing
bush 1.2mm wide x 1.5mm deep (standard) at 90º
(standard)
Orientation with location
lug in position shown.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com